Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MC56F81663VLC Fiches technique(PDF) 13 Page - NXP Semiconductors

No de pièce MC56F81663VLC
Description  DSC based on 32-bit 56800EX core
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NXP [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo NXP - NXP Semiconductors

MC56F81663VLC Fiches technique(HTML) 13 Page - NXP Semiconductors

Back Button MC56F81663VLC Datasheet HTML 9Page - NXP Semiconductors MC56F81663VLC Datasheet HTML 10Page - NXP Semiconductors MC56F81663VLC Datasheet HTML 11Page - NXP Semiconductors MC56F81663VLC Datasheet HTML 12Page - NXP Semiconductors MC56F81663VLC Datasheet HTML 13Page - NXP Semiconductors MC56F81663VLC Datasheet HTML 14Page - NXP Semiconductors MC56F81663VLC Datasheet HTML 15Page - NXP Semiconductors MC56F81663VLC Datasheet HTML 16Page - NXP Semiconductors MC56F81663VLC Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 73 page
background image
1.5.19 General Purpose I/O (GPIO)
• Individual control of peripheral mode or GPIO mode for each pin
• Programmable push-pull or open drain output
• Configurable pullup or pulldown on all input pins
• All pins (except JTAG, RESET_B ) default to be GPIO inputs
• Controllable output slew rate
1.6 System Block Diagram
NOTE
The following figure shows the maximum memory
configurations supported.
Clock sources
MC56F81xxx, Rev. 1.1, 12/2020
NXP Semiconductors
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73