Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MC56F81663VLC Fiches technique(PDF) 72 Page - NXP Semiconductors

No de pièce MC56F81663VLC
Description  DSC based on 32-bit 56800EX core
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NXP [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo NXP - NXP Semiconductors

MC56F81663VLC Fiches technique(HTML) 72 Page - NXP Semiconductors

Back Button MC56F81663VLC Datasheet HTML 65Page - NXP Semiconductors MC56F81663VLC Datasheet HTML 66Page - NXP Semiconductors MC56F81663VLC Datasheet HTML 67Page - NXP Semiconductors MC56F81663VLC Datasheet HTML 68Page - NXP Semiconductors MC56F81663VLC Datasheet HTML 69Page - NXP Semiconductors MC56F81663VLC Datasheet HTML 70Page - NXP Semiconductors MC56F81663VLC Datasheet HTML 71Page - NXP Semiconductors MC56F81663VLC Datasheet HTML 72Page - NXP Semiconductors MC56F81663VLC Datasheet HTML 73Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 72 / 73 page
background image
To find a package drawing, go to nxp.com and perform a keyword search for the
drawing's document number:
Drawing for package
Document number to be used
32LQFP
98ASH70029A
32QFN
98ASA00473D
48-pin LQFP
98ASH00962A
64-pin LQFP
98ASS23234W
14 Product documentation
The documents listed in Table 38 are required for a complete description and to
successfully design using the device. Documentation is available from local NXP
distributors, NXP sales offices, or online at www.nxp.com.
Table 38. Device documentation
Topic
Description
Document Number
DSP56800E/DSP56800EX
Reference Manual
Detailed description of the 56800EX family architecture, 32-bit
digital signal controller core processor, and the instruction set
DSP56800ERM
MC56F81xxx Reference Manual
Detailed functional description and programming model
MC56F81XXXRM
MC56F81xxx Data Sheet
Electrical and timing specifications, pin descriptions, and
package information (this document)
MC56F81XXX
MC56F81xxx Errata
Details any chip issues that might be present
MC56F81XXX_0N91Z
15 Revision history
The following table provides a revision history for this document.
Table 39. Revision history
Rev.
Date
Substantial Changes
1
08/2020
Initial public release
1.1
12/2020
Added M-part devices (temperature range as –40 to 125
℃), and updated related specifications: e.g.
the "Current Consumption" table, the "NVM reliability specifications" table.
Product documentation
MC56F81xxx, Rev. 1.1, 12/2020
72
NXP Semiconductors



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73