| Moteur de recherche de fiches techniques de composants électroniques |
|
AS4LC2M8S1 Fiches technique(PDF) 16 Page - Alliance Semiconductor Corporation |
|
|
|||||||||||||||||||||||||||||
AS4LC2M8S1 Fiches technique(HTML) 16 Page - Alliance Semiconductor Corporation |
|
16 / 28 page ![]() 16 ALLIANCE SEMICONDUCTOR 7/5/00 AS4LC2M8S1 AS4LC1M16S1 DQM waveforms: read (CL = 3, BL = 4) DQM waveforms: write (BL = 4) Concurrent Auto-P Waveforms According to Intel™’s specification, auto-p burst interruption is allowed by another burst provided that the interrupting burst is in a different bank than the ongoing burst. (A) RD-P interrupted by RD in another bank (CL = 3, BL = 4) (B) RD-P interrupted by WR in another bank (CL = 3, BL = 8) CLK CMD DQM DQ(CL = 3) DQ(CL = 2) Read data Q0 Q0 Q1 Q3 Q2 tDQZ tDQZ CLK CMD Ext DIN DQM D0 D1 D2 D3 D0 D3 Write data D1 D2 ignored ignored Data written CLK CMD RD-P(A) DQ A0 A1 B0 B1 B2 B3 tRP(A) Bank A precharge starts RD (B) CLK CMD RD-P (A) DQ QA0 DN(B0) D(B1) D(B2) tRP Bank A precharge starts WR (B) DQM D(B7) QA1 |