| Moteur de recherche de fiches techniques de composants électroniques |
|
ATMEGA640 Fiches technique(PDF) 106 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
ATMEGA640 Fiches technique(HTML) 106 Page - Microchip Technology |
|
106 / 436 page ![]() 106 ATmega640/V-1280/V-1281/V-2560/V-2561/V [DATASHEET] DS40002211A When the BOOTRST Fuse is programmed and the Boot section size set to 8Kbytes, the most typical and general program setup for the Reset and Interrupt Vector Addresses is: Address Labels Code Comments .org 0x0002 0x00002 jmp EXT_INT0 ; IRQ0 Handler 0x00004 jmp EXT_INT1 ; IRQ1 Handler ... ... ... ; 0x00070 jmp USART3_TXC ; USART3 TX Complete Handler ; .org 0x1F000 0x1F000 RESET: ldi r16,high(RAMEND); Main program start 0x1F001 out SPH,r16 ; Set Stack Pointer to top of RAM 0x1F002 ldi r16,low(RAMEND) 0x1F003 out SPL,r16 0x1F004 sei ; Enable interrupts 0x1F005 <instr> xxx When the BOOTRST Fuse is programmed, the Boot section size set to 8Kbytes and the IVSEL bit in the MCUCR Register is set before any interrupts are enabled, the most typical and general program setup for the Reset and Interrupt Vector Addresses is: Address Labels Code Comments ; .org 0x1F000 0x1F000 jmp RESET ; Reset handler 0x1F002 jmp EXT_INT0 ; IRQ0 Handler 0x1F004 jmp EXT_INT1 ; IRQ1 Handler ... ... ... ; 0x1F070 jmp USART3_TXC ; USART3 TX Complete Handler ; 0x1F072 RESET: ldi r16,high(RAMEND) ; Main program start 0x1F073 out SPH,r16 ; Set Stack Pointer to top of RAM 0x1F074 ldi r16,low(RAMEND) 0x1F075 out SPL,r16 0x1F076 sei ; Enable interrupts 0x1FO77 <instr> xxx |