| Moteur de recherche de fiches techniques de composants électroniques |
|
ATMEGA640 Fiches technique(PDF) 98 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
ATMEGA640 Fiches technique(HTML) 98 Page - Microchip Technology |
|
98 / 436 page ![]() 98 ATmega640/V-1280/V-1281/V-2560/V-2561/V [DATASHEET] DS40002211A 13.4.16 PINE – Port E Input Pins Address 13.4.17 PORTF – Port F Data Register 13.4.18 DDRF – Port F Data Direction Register 13.4.19 PINF – Port F Input Pins Address 13.4.20 PORTG – Port G Data Register 13.4.21 DDRG – Port G Data Direction Register 13.4.22 PING – Port G Input Pins Address 13.4.23 PORTH – Port H Data Register Bit 7654 3210 0x0C (0x2C) PINE7 PINE6 PINE5 PINE4 PINE3 PINE2 PINE1 PINE0 PINE Read/Write R/W R/W R/W R/W R/W R/W R/W R/W Initial Value N/A N/A N/A N/A N/A N/A N/A N/A Bit 765 43210 0x11 (0x31) PORTF7 PORTF6 PORTF5 PORTF4 PORTF3 PORTF2 PORTF1 PORTF0 PORTF Read/Write R/W R/W R/W R/W R/W R/W R/W R/W Initial Value 000 00000 Bit 765 43210 0x10 (0x30) DDF7 DDF6 DDF5 DDF4 DDF3 DDF2 DDF1 DDF0 DDRF Read/Write R/W R/W R/W R/W R/W R/W R/W R/W Initial Value 000 00000 Bit 7654 3210 0x0F (0x2F) PINF7 PINF6 PINF5 PINF4 PINF3 PINF2 PINF1 PINF0 PINF Read/Write R/W R/W R/W R/W R/W R/W R/W R/W Initial Value N/A N/A N/A N/A N/A N/A N/A N/A Bit 7 6 5 43210 0x14 (0x34) –– PORTG5 PORTG4 PORTG3 PORTG2 PORTG1 PORTG0 PORTG Read/Write R R R/W R/W R/W R/W R/W R/W Initial Value 0 0 0 00000 Bit 765 43210 0x13 (0x33) – – DDG5 DDG4 DDG3 DDG2 DDG1 DDG0 DDRG Read/Write R R R/W R/W R/W R/W R/W R/W Initial Value 000 00000 Bit 765 43210 0x12 (0x32) – – PING5 PING4 PING3 PING2 PING1 PING0 PING Read/Write R R R/W R/W R/W R/W R/W R/W Initial Value 0 0 N/A N/A N/A N/A N/A N/A Bit 7 6 5 432 10 (0x102) PORTH7 PORTH6 PORTH5 PORTH4 PORTH3 PORTH2 PORTH1 PORTH0 PORTH Read/Write R/W R/W R/W R/W R/W R/W R/W R/W Initial Value 0 0 0 0 0 0 0 0 |