Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ATMEGA640 Fiches technique(PDF) 105 Page - Microchip Technology

No de pièce ATMEGA640
Description  8-bit Microcontroller with 16/32/64KB In-System Programmable Flash
PDF  436 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ATMEGA640 Fiches technique(HTML) 105 Page - Microchip Technology

Back Button ATMEGA640 Datasheet HTML 101Page - Microchip Technology ATMEGA640 Datasheet HTML 102Page - Microchip Technology ATMEGA640 Datasheet HTML 103Page - Microchip Technology ATMEGA640 Datasheet HTML 104Page - Microchip Technology ATMEGA640 Datasheet HTML 105Page - Microchip Technology ATMEGA640 Datasheet HTML 106Page - Microchip Technology ATMEGA640 Datasheet HTML 107Page - Microchip Technology ATMEGA640 Datasheet HTML 108Page - Microchip Technology ATMEGA640 Datasheet HTML 109Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 105 / 436 page
background image
105
ATmega640/V-1280/V-1281/V-2560/V-2561/V [DATASHEET]
DS40002211A
When the BOOTRST Fuse is unprogrammed, the Boot section size set to 8Kbytes and the IVSEL bit in the
MCUCR Register is set before any interrupts are enabled, the most typical and general program setup for the
Reset and Interrupt Vector Addresses is:
Address
Labels Code
Comments
0x00000
RESET: ldi
r16,high(RAMEND); Main program start
0x00001
out
SPH,r16
; Set Stack Pointer to top of RAM
0x00002
ldi
r16,low(RAMEND)
0x00003
out
SPL,r16
0x00004
sei
; Enable interrupts
0x00005
<instr>
xxx
;
.org 0x1F002
0x1F002
jmp
EXT_INT0
; IRQ0 Handler
0x1F004
jmp
EXT_INT1
; IRQ1 Handler
...
...
...
;
0x1FO70
jmp
USART3_TXC
; USART3 TX Complete Handler
0x006
2
jmp
TIM5_COMPC
; Timer5 CompareC Handler
0x006
4
jmp
TIM5_OVF
; Timer5 Overflow Handler
0x006
6
jmp
USART2_RXC
; USART2 RX Complete Handler
0x006
8
jmp
USART2_UDRE
; USART2,UDR Empty Handler
0x006
A
jmp
USART2_TXC
; USART2 TX Complete Handler
0x006
C
jmp
USART3_RXC
; USART3 RX Complete Handler
0x006
E
jmp
USART3_UDRE
; USART3,UDR Empty Handler
0x007
0
jmp
USART3_TXC
; USART3 TX Complete Handler
;
0x007
2
RESET
:
ldi
r16,
high(RAMEND)
; Main program start
0x007
3
out
SPH,r16
; Set Stack Pointer to top of
RAM
0x007
4
ldi
r16,
low(RAMEND)
0x007
5
out
SPL,r16
0x007
6
sei
; Enable interrupts
0x007
7
<ins
tr
>
xxx
...
...
..
.
...



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More