Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STSAFE-A110 Fiches technique(PDF) 20 Page - STMicroelectronics

No de pièce STSAFE-A110
Description  Authentication, state-of-the-art security for peripherals and IoT devices
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STSAFE-A110 Fiches technique(HTML) 20 Page - STMicroelectronics

Back Button STSAFE-A110 Datasheet HTML 16Page - STMicroelectronics STSAFE-A110 Datasheet HTML 17Page - STMicroelectronics STSAFE-A110 Datasheet HTML 18Page - STMicroelectronics STSAFE-A110 Datasheet HTML 19Page - STMicroelectronics STSAFE-A110 Datasheet HTML 20Page - STMicroelectronics STSAFE-A110 Datasheet HTML 21Page - STMicroelectronics STSAFE-A110 Datasheet HTML 22Page - STMicroelectronics STSAFE-A110 Datasheet HTML 23Page - STMicroelectronics STSAFE-A110 Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 36 page
background image
Pairing with a local host
STSAFE-A110
20/36
DS13039 Rev 1
Command flow (see Figure 12)
1.
Generation of the local envelope Key
–
The local host queries the STSAFE-A110 to randomly generate a local envelope
key in one of the two slots, using the GENERATE KEY command.
2.
Wrapping of local envelope
–
The local host builds the local envelope by using the STSAFE-A110’s Wrap local
envelop command
–
This command requires a local host’s C-MAC, plain text data (usually a
cryptographic key that needs to be encrypted with the host’s cipher key) and the
local envelope key slot number (the key to use for encryption of plain text data).
–
The response to the Wrap Local envelope command contains the envelope (plain
text is encrypted using the Local envelope key).
3.
Unwrapping of local envelope by receiver
–
The local host provides the local envelope to the STSAFE-A110 by using the
Unwrap local envelop command and the local envelope key slot.
–
The host must generate a local host’s C-MAC with the command.
–
The STSAFE-A110 provides the envelope cryptogram (usually a cryptographic
key) decrypted with the local envelope key) in its response.
–
The response is encrypted using the host’s cipher key.
–
The host decrypts the response with the host’s cipher key and obtains the
decrypted envelope cryptogram.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36