Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STSAFE-A110 Fiches technique(PDF) 2 Page - STMicroelectronics

No de pièce STSAFE-A110
Description  Authentication, state-of-the-art security for peripherals and IoT devices
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STSAFE-A110 Fiches technique(HTML) 2 Page - STMicroelectronics

  STSAFE-A110 Datasheet HTML 1Page - STMicroelectronics STSAFE-A110 Datasheet HTML 2Page - STMicroelectronics STSAFE-A110 Datasheet HTML 3Page - STMicroelectronics STSAFE-A110 Datasheet HTML 4Page - STMicroelectronics STSAFE-A110 Datasheet HTML 5Page - STMicroelectronics STSAFE-A110 Datasheet HTML 6Page - STMicroelectronics STSAFE-A110 Datasheet HTML 7Page - STMicroelectronics STSAFE-A110 Datasheet HTML 8Page - STMicroelectronics STSAFE-A110 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 36 page
background image
STSAFE-A110
2/36
DS13039 Rev 1
Protocol
• I²C-bus slave interface
– Up to 400 kbps transmission speed (Fast
mode) and true open-drain pads
– 7-bit addressing
Packages
• ECOPACK-compliant SO8N 8-lead plastic
small outline and UFDFPN 8-lead ultra thin
profile fine pitch dual flat packages



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36