Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STPMIC1CPQR Fiches technique(PDF) 34 Page - STMicroelectronics

No de pièce STPMIC1CPQR
Description  Highly integrated power management IC for micro processor units
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPMIC1CPQR Fiches technique(HTML) 34 Page - STMicroelectronics

Back Button STPMIC1CPQR Datasheet HTML 30Page - STMicroelectronics STPMIC1CPQR Datasheet HTML 31Page - STMicroelectronics STPMIC1CPQR Datasheet HTML 32Page - STMicroelectronics STPMIC1CPQR Datasheet HTML 33Page - STMicroelectronics STPMIC1CPQR Datasheet HTML 34Page - STMicroelectronics STPMIC1CPQR Datasheet HTML 35Page - STMicroelectronics STPMIC1CPQR Datasheet HTML 36Page - STMicroelectronics STPMIC1CPQR Datasheet HTML 37Page - STMicroelectronics STPMIC1CPQR Datasheet HTML 38Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 140 page
background image
Figure 42. PWM clock generation
Clock synchronization (HP mode)– buck controller integrates phase locked loop (PLL) circuit, that maintains
steady-state frequency in CCM phase-locked to reference 2 MHz clock generated by internal oscillator. Each
buck has its own reference clock that is shifted from master clock by 90 degree, which minimizes the chance of
multiple controllers switching at the same time, and improving EMI performance. Refer to Figure 43. PWM clock
synchronisation .
Figure 43. PWM clock synchronisation
Voltage accuracy (HP mode)- COT controllers are well-known for their excellent transient response but standard
implementations usually suffer from a high output load regulation error. To cope with this problem, the STPMIC1
adaptive COT controller also integrates an ACCU loop circuit that fixes the parameters of controller in order to
reach the maximum possible accuracy of output voltage for all operating conditions. Refer to Figure 44. Buck
block diagram.
STPMIC1
Buck converters
DS12792 - Rev 7
page 34/140



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More