Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STPMIC1CPQR Fiches technique(PDF) 83 Page - STMicroelectronics

No de pièce STPMIC1CPQR
Description  Highly integrated power management IC for micro processor units
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPMIC1CPQR Fiches technique(HTML) 83 Page - STMicroelectronics

Back Button STPMIC1CPQR Datasheet HTML 79Page - STMicroelectronics STPMIC1CPQR Datasheet HTML 80Page - STMicroelectronics STPMIC1CPQR Datasheet HTML 81Page - STMicroelectronics STPMIC1CPQR Datasheet HTML 82Page - STMicroelectronics STPMIC1CPQR Datasheet HTML 83Page - STMicroelectronics STPMIC1CPQR Datasheet HTML 84Page - STMicroelectronics STPMIC1CPQR Datasheet HTML 85Page - STMicroelectronics STPMIC1CPQR Datasheet HTML 86Page - STMicroelectronics STPMIC1CPQR Datasheet HTML 87Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 140 page
background image
6.3.9
Mask reset LDO control register (LDOS_MRST_CR)
Table 33. LDOS_MRST_CR
7
6
5
4
3
2
1
0
reserved MRST_REFDDR
MRST_LDO6
MRST_LDO5
MRST_LDO4
MRST_LDO3
MRST_LDO2
MRST_LDO1
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Address: 0x1A
Type: read/write register
Default: 0x00
Description: mask reset LDO control register. Set bit to 1 active mask reset option for selected LDO for next
reset power-cycle. It is a single shot option. Register is reset to default in CHECK&LOAD state. Refer to
Section 5.4.4 Reset and mask_reset option.
[7]
Reserved
[6]
MRST_REFDDR: REFDDR LDO mask reset option
0: inactive
1: Mask reset active for REFDDR
[5]
MRST_LDO6: LDO6 mask default option
0: inactive
1: mask reset active for LDO6
[4]
MRST_LDO5: LDO5 mask default option
0: inactive
1: mask reset active for LDO5
[3]
MRST_LDO4: LDO4 mask default option
0: inactive
1: mask reset active for LDO4
[2]
MRST_LDO3: LDO3 mask default option
0: inactive
1: mask reset active for LDO3
[1]
MRST_LDO2: LDO2 mask default option
0: inactive
1: mask default active for LDO2
[0]
MRST_LDO1: LDO1 mask default option
0: inactive
1: mask default active for LDO1
STPMIC1
Control registers
DS12792 - Rev 7
page 83/140



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More