Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STPMIC1CPQR Fiches technique(PDF) 71 Page - STMicroelectronics

No de pièce STPMIC1CPQR
Description  Highly integrated power management IC for micro processor units
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPMIC1CPQR Fiches technique(HTML) 71 Page - STMicroelectronics

Back Button STPMIC1CPQR Datasheet HTML 67Page - STMicroelectronics STPMIC1CPQR Datasheet HTML 68Page - STMicroelectronics STPMIC1CPQR Datasheet HTML 69Page - STMicroelectronics STPMIC1CPQR Datasheet HTML 70Page - STMicroelectronics STPMIC1CPQR Datasheet HTML 71Page - STMicroelectronics STPMIC1CPQR Datasheet HTML 72Page - STMicroelectronics STPMIC1CPQR Datasheet HTML 73Page - STMicroelectronics STPMIC1CPQR Datasheet HTML 74Page - STMicroelectronics STPMIC1CPQR Datasheet HTML 75Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 140 page
background image
6.2.3
Overcurrent protection LDO turn-OFF status register (OCP_LDOS_SR)
Table 21. OCP_LDOS_SR
7
6
5
4
3
2
1
0
reserved
reserved
OCP_LDO6
OCP_LDO5
OCP_LDO4
OCP_LDO3
OCP_LDO2
OCP_LDO1
R
R
R
R
R
R
R
R
Address: 0x03
Type: read register only
Default: b00xx_xxxx where x depends on possible OCP event during previous POWER_ON
Description: OCP LDO turn-OFF status register. This register stores the identification of the LDO source of the
last OCP turn-OFF.
It is set during POWER_DOWN state.
[7 :6]
Reserved
[5]
OCP_LDO6: Last turn-OFF was due to overcurrent protection on LDO6
0: False
1: True
[4]
OCP_LDO5: Last turn-OFF was due to overcurrent protection on LDO5
0: False
1: True
[3]
OCP_LDO4: Last turn-OFF was due to overcurrent protection on LDO4
0: False
1: True
[2]
OCP_LDO3: Last turn-OFF was due to overcurrent protection on LDO3
0: False
1: True
[1]
OCP_LDO2: Last turn-OFF was due to overcurrent protection on LDO2
0: False
1: True
[0]
OCP_LDO1: Last turn-OFF was due to overcurrent protection on LDO1
0: False
1: True
STPMIC1
Status registers
DS12792 - Rev 7
page 71/140



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More