| Moteur de recherche de fiches techniques de composants électroniques |
|
STPMIC1CPQR Fiches technique(PDF) 114 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STPMIC1CPQR Fiches technique(HTML) 114 Page - STMicroelectronics |
|
114 / 140 page ![]() 6.6.2 NVM control register (NVM_CR) Table 63. NVM_CR 7 6 5 4 3 2 1 0 reserved reserved reserved reserved reserved reserved NVM_CMD[1:0] R/W R/W R/W R/W R/W R/W R/W R/W Address: 0xB9 Type: read/write register Default: 0x00 Description: NVM control register [7 :2] reserved [1:0] NVM_CMD[1:0]: NVM controller command bits to control NVM operation on NVM shadow register bits. 00: No operation 01: Program (write shadow register to NVM) 10: Read (load NVM content into shadow registers) 11: No operation STPMIC1 NVM registers DS12792 - Rev 7 page 114/140 |