Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STPD01PUR Fiches technique(PDF) 31 Page - STMicroelectronics

No de pièce STPD01PUR
Description  Programmable buck converter for USB power delivery
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPD01PUR Fiches technique(HTML) 31 Page - STMicroelectronics

Back Button STPD01PUR Datasheet HTML 27Page - STMicroelectronics STPD01PUR Datasheet HTML 28Page - STMicroelectronics STPD01PUR Datasheet HTML 29Page - STMicroelectronics STPD01PUR Datasheet HTML 30Page - STMicroelectronics STPD01PUR Datasheet HTML 31Page - STMicroelectronics STPD01PUR Datasheet HTML 32Page - STMicroelectronics STPD01PUR Datasheet HTML 33Page - STMicroelectronics STPD01PUR Datasheet HTML 34Page - STMicroelectronics STPD01PUR Datasheet HTML 35Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 43 page
background image
Figure 41. Capacitor placing
The layout of decoupling capacitors is extremely important to minimize the induction loop formed between the
capacitor and the IC power and ground. The vias should be placed on the side of the capacitor lands, not the
ends. The vias should be located at minimum keepout distance and connected to the capacitor lands with a wide
trace - at least as wide as the via pad. Vias of opposite polarity should be placed as close together as possible
(minimum keepout distance) and vias of the same polarity should be kept separated as much as possible. If
space allows, a second pair of vias on the opposite side of the capacitor may be added to reduce the inductance
further.
Inductor placing
The DC-DC converter inductor has to be placed as close as possible with traces as short and as thick as
possible. This should be done to minimize resistive parasitic effects, and increase system efficiency.
Figure 42. Inductor placing
Vias placing
It is crucial to connect very well the ground of the exposed pad of the QFN24L to the ground on the application
board. Therefore many vias are necessary to be sure that the parasitic inductor introduced from each via is
negligible.
STPD01
Board layout guidelines
DS13473 - Rev 1
page 31/43



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43