| Moteur de recherche de fiches techniques de composants électroniques |
|
STPD01PUR Fiches technique(PDF) 26 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STPD01PUR Fiches technique(HTML) 26 Page - STMicroelectronics |
|
26 / 43 page ![]() 8.2 Register description 8.2.1 Register 0x00 The register 0x00 is used to set the output voltage configuration. Its default value (reset) is 0x64. Table 12. 0x00 register description Hex value Voltage value (V) Hex value Voltage value (V) Hex value Voltage value (V) Hex value Voltage value (V) Hex value Voltage value (V) 0x00 3 0x30 3.96 0x66 5.04 0x9C 7 0xD2 13.8 0x01 3.02 0x31 3.98 0x67 5.06 0x9D 7.1 0xD3 14 0x02 3.04 0x32 4 0x68 5.08 0x9E 7.2 0xD4 14.2 0x03 3.06 0x33 4.02 0x69 5.1 0x9F 7.3 0xD5 14.4 0x04 3.08 0x34 4.04 0x6A 5.12 0xA0 7.4 0xD6 14.6 0x05 3.1 0x35 4.06 0x6B 5.14 0xA1 7.5 0xD7 14.8 0x06 3.12 0x36 4.08 0x6C 5.16 0xA2 7.6 0xD8 15 0x07 3.14 0x37 4.1 0x6D 5.18 0xA3 7.7 0xD9 15.2 0x08 3.16 0x38 4.12 0x6E 5.2 0xA4 7.8 0xDA 15.4 0x09 3.18 0x39 4.14 0x6F 5.22 0xA5 7.9 0xDB 15.6 0x0A 3.2 0x3A 4.16 0x70 5.24 0xA6 8 0xDC 15.8 0x0B 3.22 0x3B 4.18 0x71 5.26 0xA7 8.1 0xDD 16 0x0C 3.24 0x3C 4.2 0x72 5.28 0xA8 8.2 0xDE 16.2 0x0D 3.26 0x3D 4.22 0x73 5.3 0xA9 8.3 0xDF 16.4 0x0E 3.28 0x3E 4.24 0x74 5.32 0xAA 8.4 0xE0 16.6 0x0F 3.3 0x3F 4.26 0x75 5.34 0xAB 8.5 0xE1 16.8 0x10 3.32 0x40 4.28 0x76 5.36 0xAC 8.6 0xE2 17 0x11 3.34 0x41 4.3 0x77 5.38 0xAD 8.7 0xE3 17.2 0x12 3.36 0x42 4.32 0x78 5.4 0xAE 8.8 0xE4 17.4 0x13 3.38 0x43 4.34 0x79 5.42 0xAF 8.9 0xE5 17.6 0x14 3.4 0x44 4.36 0x7A 5.44 0xB0 9 0xE6 17.8 0x15 3.42 0x45 4.38 0x7B 5.46 0xB1 9.1 0xE7 18 0x16 3.44 0x46 4.4 0x7C 5.48 0xB2 9.2 0xE8 18.2 0x17 3.46 0x47 4.42 0x7D 5.5 0xB3 9.3 0xE9 18.4 0x18 3.48 0x48 4.44 0x7E 5.52 0xB4 9.4 0xEA 18.6 0x19 3.5 0x49 4.46 0x7F 5.54 0xB5 9.5 0xEB 18.8 0x1A 3.52 0x4A 4.48 0x80 5.56 0xB6 9.6 0xEC 19 0x1B 3.54 0x4B 4.5 0x81 5.58 0xB7 9.7 0xED 19.2 0x1C 3.56 0x4C 4.52 0x82 5.6 0xB8 9.8 0xEE 19.4 0x1D 3.58 0x4D 4.54 0x83 5.62 0xB9 9.9 0xEF 19.6 0x1E 3.6 0x4E 4.56 0x84 5.64 0xBA 10 0xF0 19.8 0x1F 3.62 0x4F 4.58 0x0x85 5.66 0xBB 10.1 0xF1 20 0x20 3.64 0x50 4.6 0x86 5.68 0xBC 10.2 0x21 3.66 0x51 4.62 0x87 5.7 0xBD 10.3 STPD01 Register description DS13473 - Rev 1 page 26/43 |