| Moteur de recherche de fiches techniques de composants électroniques |
|
STPD01PUR Fiches technique(PDF) 25 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STPD01PUR Fiches technique(HTML) 25 Page - STMicroelectronics |
|
25 / 43 page ![]() 8 Control register description 8.1 Register map Table 10. Configuration bits Content # of configurations Comments Vout 240 (8 bit) 3 V to 5.9 V with 20 mV step, 5.9 V to 11 V with 100 mV step, 11 V to 20 V with 200 mV step Ilim 25 (5 bit) From 0.1 A to 3 A with 100 mA steps (flag_50 mA can be used to obtain 50 mA steps) Interrupt mask 7 (7 bit) OVP, CC, SCP, Pon, WD, OTP, OTW, IPK Interrupt status 7 (7 bit) Interrupt status Interrupt latch 7 (7 bit) Interrupt latch Auto-discharge 2 (1 bit) Auto-discharge enable/disable Dithering 2 (1 bit) Dithering enable/disable Switching frequency 2 (1 bit) At least 500 kHz and 750 kHz Cable drop comp. 3 (2 bit) OFF, full Enable watchdog 2 (1 bit) Enable/disable Watchdog 4 (2 bit) 100 ms, 500 ms, 1 s, 5 s Enable 2 (1 bit) ON/OFF (see Section 7 Operation description) Table 11. Register map summary ADDR R/W Bit7 Bit6 Bit5 Bit4 Bit3 Bit2 Bit1 Bit0 0x00 R/W Vout(7) Vout(6) Vout(5) Vout(4) Vout(3) Vout(2) Vout(1) Vout(0) 0x01 R/W Flag_50ma Not used Not used ILIM(4) ILIM(3) ILIM(2) ILIM(1) ILIM(0) 0x02 R INT_STAT(7) INT_STAT(6) INT_STAT(5) INT_STAT(4) INT_STAT(3) INT_STAT(2) INT_STAT(1) INT_STAT(0) 0x03 R/C INT_LTC(7) INT_LTC(6) INT_LTC(5) INT_LTC(4) INT_LTC(3) INT_LTC(2) INT_LTC(1) INT_LTC(0) 0x04 R/W INT_MASK(7) INT_MASK(6) INT_MASK(5) INT_MASK(4) INT_MASK(3) INT_MASK(2) INT_MASK(1) INT_MASK(0) 0x05 R/W WTCHDG(1) WTCHDG(0) Not used CDC(1) CDC(0) SW_FREQ DITH AUTO_DIS 0x06 R/W Not used Not used Not used Not used Not used Not used WD_EN DIG_EN R: read; R/W: read and write; R/C: cleared when read. STPD01 Control register description DS13473 - Rev 1 page 25/43 |