| Moteur de recherche de fiches techniques de composants électroniques |
|
STM32WB35CCV6XXX Fiches technique(PDF) 66 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32WB35CCV6XXX Fiches technique(HTML) 66 Page - STMicroelectronics |
|
66 / 193 page ![]() Pinouts and pin description STM32WB55xx STM32WB35xx 66/193 DS11929 Rev 10 - 48 E2 E11 PB14 I/O FT_fl - TIM1_CH2N, I2C3_SDA, SPI2_MISO, TSC_G1_IO3, LCD_SEG14, SAI1_MCLK_A, CM4_EVENTOUT - - 49 F3 F10 PB15 I/O FT_l - RTC_REFIN, TIM1_CH3N, SPI2_MOSI, TSC_G1_IO4, LCD_SEG15, SAI1_SD_A, CM4_EVENTOUT - - 50 D2 D10 PC6 I/O FT_l - TSC_G4_IO1, LCD_SEG24, CM4_EVENTOUT - - - E3 D12 PC7 I/O FT_l - TSC_G4_IO2, LCD_SEG25, CM4_EVENTOUT - - - F4 D11 PC8 I/O FT_l - TSC_G4_IO3, LCD_SEG26, CM4_EVENTOUT - - - B4 C13 PC9 I/O FT_l - TIM1_BKIN, TSC_G4_IO4, USB_NOE, LCD_SEG27, SAI1_SCK_B, CM4_EVENTOUT - - - - K6 VSS S - - - - - - B2 - VSS S - - - - 36 51 B5 C12 PA10 I/O FT_fl - TIM1_CH3, SAI1_PDM_DI1, I2C1_SDA, USART1_RX, USB_CRS_SYNC, LCD_COM2, SAI1_SD_A, TIM17_BKIN, CM4_EVENTOUT - 37 52 A1 B13 PA11 I/O FT_u - TIM1_CH4, TIM1_BKIN2, SPI1_MISO, USART1_CTS, USB_DM, CM4_EVENTOUT - 38 53 A2 A13 PA12 I/O FT_u - TIM1_ETR, SPI1_MOSI, LPUART1_RX, USART1_RTS_DE, USB_DP, CM4_EVENTOUT - 39 54 A5 A11 PA13 (JTMS_SWDIO) I/O FT_u (9) JTMS-SWDIO, IR_OUT, USB_NOE, SAI1_SD_B, CM4_EVENTOUT - 40 55 B3 A12 VDDUSB S - - - - - - - C11 VSS S - - - - Table 16. STM32WB55xx pin and ball definitions (continued) Pin number Pin name (function after reset) Alternate functions Additional functions |