Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STM32WB35CCV6XXX Fiches technique(PDF) 62 Page - STMicroelectronics

No de pièce STM32WB35CCV6XXX
Description  Multiprotocol wireless 32-bit MCU Arm®-based Cortex®-M4 with FPU, Bluetooth® 5 and 802.15.4 radio solution
PDF  193 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32WB35CCV6XXX Fiches technique(HTML) 62 Page - STMicroelectronics

Back Button STM32WB35CCV6XXX Datasheet HTML 58Page - STMicroelectronics STM32WB35CCV6XXX Datasheet HTML 59Page - STMicroelectronics STM32WB35CCV6XXX Datasheet HTML 60Page - STMicroelectronics STM32WB35CCV6XXX Datasheet HTML 61Page - STMicroelectronics STM32WB35CCV6XXX Datasheet HTML 62Page - STMicroelectronics STM32WB35CCV6XXX Datasheet HTML 63Page - STMicroelectronics STM32WB35CCV6XXX Datasheet HTML 64Page - STMicroelectronics STM32WB35CCV6XXX Datasheet HTML 65Page - STMicroelectronics STM32WB35CCV6XXX Datasheet HTML 66Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 193 page
background image
Pinouts and pin description
STM32WB55xx STM32WB35xx
62/193
DS11929 Rev 10
6
7
F10
H4
PB9
I/O FT_fla
-
TIM1_CH3N, SAI1_PDM_DI2,
I2C1_SDA, SPI2_NSS,
IR_OUT, TSC_G7_IO4,
QUADSPI_BK1_IO0,
LCD_COM3, SAI1_FS_A,
TIM17_CH1,
CM4_EVENTOUT
-
7
8
F9
H2
NRST
I/O
RST
-
-
-
-9
F8
H3
PC0
I/O FT_fla
-
LPTIM1_IN1, I2C3_SCL,
LPUART1_RX, LCD_SEG18,
LPTIM2_IN1,
CM4_EVENTOUT
ADC1_IN1
-10 G8
H1
PC1
I/O FT_fla-
LPTIM1_OUT, SPI2_MOSI,
I2C3_SDA, LPUART1_TX,
LCD_SEG19,
CM4_EVENTOUT
ADC1_IN2
-
11 G9
J2
PC2
I/O FT_la
-
LPTIM1_IN2, SPI2_MISO,
LCD_SEG20,
CM4_EVENTOUT
ADC1_IN3
-
-
-
E7
VSS
S
-
-
-
-
--
-
H6
VDD
S
-
-
-
-
-
12 G10
J3
PC3
I/O FT_a
-
LPTIM1_ETR,
SAI1_PDM_DI1, SPI2_MOSI,
LCD_VLCD, SAI1_SD_A,
LPTIM2_ETR,
CM4_EVENTOUT
ADC1_IN4
-
-
H10 K2
VSSA
S
-
-
-
-
-
13 H8
L1
VREF+
S
-
-
-
VREFBUF_OUT
814H9
K3
VDDA
S
-
(4)
--
-
-
J9
E9
VSS
S
-
-
-
-
--
J10
F8
VDD
S
-
-
-
-
915 G7
M1
PA0
I/O FT_a
-
TIM2_CH1, COMP1_OUT,
SAI1_EXTCLK, TIM2_ETR,
CM4_EVENTOUT
COMP1_INM, ADC1_IN5,
RTC_TAMP2/WKUP1
10 16 G6
L2
PA1
I/O FT_la
-
TIM2_CH2, I2C1_SMBA,
SPI1_SCK, LCD_SEG0,
CM4_EVENTOUT
COMP1_INP, ADC1_IN6
Table 16. STM32WB55xx pin and ball definitions (continued)
Pin number
Pin name
(function after
reset)
Alternate functions
Additional functions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More