| Moteur de recherche de fiches techniques de composants électroniques |
|
STM32L021D4 Fiches technique(PDF) 38 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32L021D4 Fiches technique(HTML) 38 Page - STMicroelectronics |
|
38 / 114 page ![]() Pin descriptions STM32L021x4 38/114 DocID027982 Rev 5 9 12 151616 - VSS S - (5) -- 10 13 16 17 17 17 VDD S - (6) -- - - - 18 18 18 PA8 I/O FT - MCO, LPTIM1_IN1, EVENTOUT, USART2_CK, TIM2_CH1 - 11 14 17 19 19 19 PA9 I/O FTf - MCO, I2C1_SCL, LPTIM1_OUT, USART2_TX, TIM21_CH2, COMP1_OUT - 12 15 18 20 20 20 PA10 I/O FTf (7) TIM21_CH1, I2C1_SDA, RTC_REFIN, USART2_RX, TIM2_CH3, COMP1_OUT - ---- 21 21 PA11 I/O FT - SPI1_MISO, LPTIM1_OUT, EVENTOUT, USART2_CTS, TIM21_CH2, COMP1_OUT - ---- 22 22 PA12 I/O FT - SPI1_MOSI, EVENTOUT, USART2_RTS_DE, COMP2_OUT - 13 16 19 21 23 23 PA13 I/O FTf - SWDIO, LPTIM1_ETR, I2C1_SDA, SPI1_SCK, LPUART1_RX, COMP1_OUT - Table 12. Pin definitions (continued) Pin number Pin name (function after reset) Notes Pin functions Alternate functions Additional functions |