Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

L99LD02 Fiches technique(PDF) 42 Page - STMicroelectronics

No de pièce L99LD02
Description  Automotive dual-phase boost DC/DC controller
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99LD02 Fiches technique(HTML) 42 Page - STMicroelectronics

Back Button L99LD02 Datasheet HTML 38Page - STMicroelectronics L99LD02 Datasheet HTML 39Page - STMicroelectronics L99LD02 Datasheet HTML 40Page - STMicroelectronics L99LD02 Datasheet HTML 41Page - STMicroelectronics L99LD02 Datasheet HTML 42Page - STMicroelectronics L99LD02 Datasheet HTML 43Page - STMicroelectronics L99LD02 Datasheet HTML 44Page - STMicroelectronics L99LD02 Datasheet HTML 45Page - STMicroelectronics L99LD02 Datasheet HTML 46Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 66 page
background image
Serial peripheral interface (ST SPI standard)
L99LD02
42/66
DS12448 Rev 3
2÷1
Set by OTP
DEF_BST_DIS
BST_DIS
BST_DIS[0] -> disable Boost1 when set to 1;
BST_DIS[1] -> disable Boost2 when set to 1;
BST_DIS can be set to 1 only if UNLOCK = 1;
trying to set this bit to 1 when UNLOCK = 0 will
have no effects and it will maintain its previous
value.
BST_DIS can be reset to 0 also when UNLOCK =
0.
To disable Boost it is necessary to send two
consecutive SPI frames as follows:
1st SPI Register write: set UNLOCK bit to 1
2nd SPI Register write: set BST_DIS to 1
0
Parity Bit
ODD Parity Bit Check
Table 24. CR#3: Control Register 3 (continued)
Bit
Default
Name
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66