Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

L99LD02 Fiches technique(PDF) 62 Page - STMicroelectronics

No de pièce L99LD02
Description  Automotive dual-phase boost DC/DC controller
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99LD02 Fiches technique(HTML) 62 Page - STMicroelectronics

Back Button L99LD02 Datasheet HTML 58Page - STMicroelectronics L99LD02 Datasheet HTML 59Page - STMicroelectronics L99LD02 Datasheet HTML 60Page - STMicroelectronics L99LD02 Datasheet HTML 61Page - STMicroelectronics L99LD02 Datasheet HTML 62Page - STMicroelectronics L99LD02 Datasheet HTML 63Page - STMicroelectronics L99LD02 Datasheet HTML 64Page - STMicroelectronics L99LD02 Datasheet HTML 65Page - STMicroelectronics L99LD02 Datasheet HTML 66Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 62 / 66 page
background image
Package information
L99LD02
62/66
DS12448 Rev 3
Table 43. QFN-32L 5x5 package information
Dimensions
Symbol
Min.
Typ.
Max.
(mm)
A
0.85
0.90
0.95
A1
0
0.05
A2
0.2 REF
A3
0.07
0.17
D
5.00 BSC
D2
3.45
3.50
3.55
E
5.00 BSC
E2
3.45
3.50
3.55
e1
0.5 BSC
k0.20
L1
0.05
La
0.47
0.50
0.53
bA
0.22
0.25
0.28
h0.19 REF
h1
0.19 REF
LB
0.47
0.50
0.53
bB
0.22
0.25
0.28
N32
R1
0.1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66