| Moteur de recherche de fiches techniques de composants électroniques |
|
L99LD02 Fiches technique(PDF) 11 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
L99LD02 Fiches technique(HTML) 11 Page - STMicroelectronics |
|
11 / 66 page ![]() DS12448 Rev 3 11/66 L99LD02 Introduction 64 Note: At application level, V3V3A and V3V3D pins are connected together, then connected to a capacitor. 30 BST_OUT Boost output voltage pin. Optional supply pin of the IC. 1, 8, 9, 16, 17, 24, 25, 29, 31, 32 NC Not Connected Table 1. Pin functionality (continued) Pin Number Name Function |