Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ICE40LP Fiches technique(PDF) 14 Page - Lattice Semiconductor

No de pièce ICE40LP
Description  iCE40 LP/HX Family
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  LATTICE [Lattice Semiconductor]
Site Internet  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

ICE40LP Fiches technique(HTML) 14 Page - Lattice Semiconductor

Back Button ICE40LP Datasheet HTML 10Page - Lattice Semiconductor ICE40LP Datasheet HTML 11Page - Lattice Semiconductor ICE40LP Datasheet HTML 12Page - Lattice Semiconductor ICE40LP Datasheet HTML 13Page - Lattice Semiconductor ICE40LP Datasheet HTML 14Page - Lattice Semiconductor ICE40LP Datasheet HTML 15Page - Lattice Semiconductor ICE40LP Datasheet HTML 16Page - Lattice Semiconductor ICE40LP Datasheet HTML 17Page - Lattice Semiconductor ICE40LP Datasheet HTML 18Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 52 page
background image
iCE40 LP/HX Family
Data Sheet
© 2011-2018 Lattice Semiconductor Corp. All Lattice trademarks, registered trademarks, patents, and disclaimers are as listed at www.latticesemi.com/legal.
All other brand or product names are trademarks or registered trademarks of their respective holders. The specifications and information herein are subject to change without notice.
14
FPGA-DS-02029-3.5
Table 3.5 lists the EBR signals.
Table 3.5. EBR Signal Descriptions
Signal Name
Direction
Description
WDATA[15:0]
Input
Write Data input.
MASK[15:0]
Input
Masks write operations for individual data bit-lines.
0 – Write bit
1 – Do not write bit
WADDR[7:0]
Input
Write Address input. Selects one of 256 possible RAM locations.
WE
Input
Write Enable input.
WCLKE
Input
Write Clock Enable input.
WCLK
Input
Write Clock input. Default rising-edge, but with falling-edge option.
RDATA[15:0]
Output
Read Data output.
RADDR[7:0]
Input
Read Address input. Selects one of 256 possible RAM locations.
RE
Input
Read Enable input.
RCLKE
Input
Read Clock Enable input.
RCLK
Input
Read Clock input. Default rising-edge, but with falling-edge option.
For further information on the sysMEM EBR block, refer to Memory Usage Guide for iCE40 Devices (TN1250).
3.1.6. sysI/O
Buffer Banks
iCE40 LP/HX devices have up to four I/O banks with independent V
CCIO rails with an additional configuration bank V
CC_SPI
for the SPI I/Os.
Programmable I/O (PIO)
The programmable logic associated with an I/O is called a PIO. The individual PIOs are connected to their respective
sysI/O buffers and pads. The PIOs are placed on the top and bottom of the devices.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com