Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ICE40LP Fiches technique(PDF) 37 Page - Lattice Semiconductor

No de pièce ICE40LP
Description  iCE40 LP/HX Family
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  LATTICE [Lattice Semiconductor]
Site Internet  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

ICE40LP Fiches technique(HTML) 37 Page - Lattice Semiconductor

Back Button ICE40LP Datasheet HTML 33Page - Lattice Semiconductor ICE40LP Datasheet HTML 34Page - Lattice Semiconductor ICE40LP Datasheet HTML 35Page - Lattice Semiconductor ICE40LP Datasheet HTML 36Page - Lattice Semiconductor ICE40LP Datasheet HTML 37Page - Lattice Semiconductor ICE40LP Datasheet HTML 38Page - Lattice Semiconductor ICE40LP Datasheet HTML 39Page - Lattice Semiconductor ICE40LP Datasheet HTML 40Page - Lattice Semiconductor ICE40LP Datasheet HTML 41Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 52 page
background image
iCE40 LP/HX Family
Data Sheet
© 2011-2018 Lattice Semiconductor Corp. All Lattice trademarks, registered trademarks, patents, and disclaimers are as listed at www.latticesemi.com/legal.
All other brand or product names are trademarks or registered trademarks of their respective holders. The specifications and information herein are subject to change without notice.
FPGA-DS-02029-3.5
37
Symbol
Parameter
Min
Typ
Max
Unit
iCE40LP/HX4K - Medium Frequency
1200
—
—
us
iCE40LP/HX4K - high frequency
1200
—
—
us
iCE40LP/HX8K - Low Frequency (Default)
1200
—
—
us
iCE40LP/HX8K - Medium Frequency
1200
—
—
us
iCE40LP/HX8K - High Frequency
1200
—
—
us
Notes:
1.
Does not apply for NVCM.
2.
Supported only with 1.2 V V
CC
and at 25 °C.
3.
Extended range f
MAX
Write operations support up to 53 MHz only with 1.2 V V
CC
and at 25 °C.
4.28. Switching Test Conditions
Figure 4.3 shows the output test load that is used for AC testing. The specific values for resistance, capacitance,
voltage, and other test conditions are listed in Table 4.30.
DUT
V T
R1
CL
Test Point
Figure 4.3. Output Test Load, LVCMOS Standards
Table 4.30. Test Fixture Required Components, Non-Terminated Interfaces*
Test Condition
R1
CL
Timing Reference
VT
LVCMOS settings (L ≥ H, H ≥ L)
∞
0 pF
LVCMOS 3.3 = 1.5 V
—
LVCMOS 2.5 = VCCIO/2
—
LVCMOS 1.8 = VCCIO/2
—
LVCMOS 3.3 (Z ≥ H)
188
0 pF
1.5 V
VOL
LVCMOS 3.3 (Z ≥ L)
1.5 V
VOH
Other LVCMOS (Z ≥ H)
VCCIO/2
VOL
Other LVCMOS (Z ≥ L)
VCCIO/2
VOH
LVCMOS (H ≥ Z)
VOH – 0.15 V
VOL
LVCMOS (L ≥ Z)
VOL – 0.15 V
VOH
*Note: Output test conditions for all other interfaces are determined by the respective standards.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com