| Moteur de recherche de fiches techniques de composants électroniques |
|
ICE40LP Fiches technique(PDF) 10 Page - Lattice Semiconductor |
|
|
|||||||||||||||||||||||||||||
ICE40LP Fiches technique(HTML) 10 Page - Lattice Semiconductor |
|
10 / 52 page ![]() iCE40 LP/HX Family Data Sheet © 2011-2018 Lattice Semiconductor Corp. All Lattice trademarks, registered trademarks, patents, and disclaimers are as listed at www.latticesemi.com/legal. All other brand or product names are trademarks or registered trademarks of their respective holders. The specifications and information herein are subject to change without notice. 10 FPGA-DS-02029-3.5 Table 3.1. Logic Cell Signal Descriptions Function Type Signal Name Description Input Data signal I0, I1, I2, I3 Inputs to LUT4 Input Control signal Enable Clock enable shared by all LCs in the PLB Input Control signal Set/Reset* Asynchronous or synchronous local set/reset shared by all LCs in the PLB. Input Control signal Clock Clock one of the eight Global Buffers, or from the general-purpose interconnects fabric shared by all LCs in the PLB. Input Inter-PLB signal FCIN Fast carry in Output Data signals O LUT4 or registered output Output Inter-PFU signal FCOUT Fast carry out *Note : If Set/Reset is not used, then the flip-flop is never set/reset, except when cleared immediately after configuration. 3.1.2. Routing There are many resources provided in the iCE40 LP/HX devices to route signals individually with related control signals. The routing resources consist of switching circuitry, buffers, and metal interconnect (routing) segments. The inter-PLB connections are made with three different types of routing resources: Adjacent (spans two PLBs), x4 (spans five PLBs) and x12 (spans thirteen PLBs). The Adjacent, x4, and x12 connections provide fast and efficient connections in the diagonal, horizontal and vertical directions. The design tool takes the output of the synthesis tool and places and routes the design. 3.1.3. Clock/Control Distribution Network Each iCE40 LP/HX device has eight global inputs, two pins on each side of the device. Note that not all GBINs are available in all packages. These global inputs can be used as high fanout nets, clock, reset or enable signals. The dedicated global pins are identified as GBIN[7:0] and the global buffers are identified as-GBUF[7:0]. These eight inputs may be used as general purpose I/O if they are not used to drive the clock nets. Global buffer GBUF7 in I/O Bank 3 also provides an optional direct LVDS25 or subLVDS differential clock input. Table 3.2 lists the connections between a specific global buffer and the inputs on a PLB. All global buffers optionally connect to the PLB CLK input. Any four of the eight global buffers can drive logic inputs to a PLB. Even-numbered global buffers optionally drive the Set/Reset input to a PLB. Similarly, odd-numbered buffers optionally drive the PLB clock- enable input. Table 3.2. Global Buffer (GBUF) Connections to Programmable Logic Blocks Global Buffer LUT Inputs Clock Reset Clock Enable GBUF0 Yes, any 4 of 8 GBUF Inputs Yes Yes — GBUF1 Yes — Yes GBUF2 Yes Yes — GBUF3 Yes — Yes GBUF4 Yes Yes — GBUF5 Yes — Yes GBUF6 Yes Yes — GBUF7 Yes — Yes The maximum frequency for the global buffers are listed in the External Switching Characteristics tables in this document. |
|
Lien URL |
| ALLDATASHEET vous a-t-il été utile ? [ DONATE ] |
À propos de Alldatasheet | Publicité | Contactez-nous | Politique de confidentialité | Lien vers la fiche technique | Echange de liens | Fabricants All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |