Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BLUENRG-M2 Fiches technique(PDF) 24 Page - STMicroelectronics

No de pièce BLUENRG-M2
Description  Very low power application processor module for Bluetooth® low energy v5.0
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BLUENRG-M2 Fiches technique(HTML) 24 Page - STMicroelectronics

Back Button BLUENRG-M2 Datasheet HTML 20Page - STMicroelectronics BLUENRG-M2 Datasheet HTML 21Page - STMicroelectronics BLUENRG-M2 Datasheet HTML 22Page - STMicroelectronics BLUENRG-M2 Datasheet HTML 23Page - STMicroelectronics BLUENRG-M2 Datasheet HTML 24Page - STMicroelectronics BLUENRG-M2 Datasheet HTML 25Page - STMicroelectronics BLUENRG-M2 Datasheet HTML 26Page - STMicroelectronics BLUENRG-M2 Datasheet HTML 27Page - STMicroelectronics BLUENRG-M2 Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 30 page
background image
9
Traceability
Each module is univocally identified by serial number stored in a 2D data matrix laser marked on the top side
(shield) of the module itself.
Each module bulk is identified by a bulk ID.
Bulk ID and module 2D data matrix are linked by a reciprocal traceability link. The module 2D data matrix traces
the lot number of any raw material used according to following rules:
Table 14. Traceability information
Letter
Meaning
HA
Reserved
YWW
Year and week number
E
Reserved
LL
Lot sequence number
XX
Lot sub-sequence number
0000
Serial number
BlueNRG-M2
Traceability
DS13053 - Rev 2
page 24/30



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30