Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BLUENRG-M2 Fiches technique(PDF) 21 Page - STMicroelectronics

No de pièce BLUENRG-M2
Description  Very low power application processor module for Bluetooth® low energy v5.0
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BLUENRG-M2 Fiches technique(HTML) 21 Page - STMicroelectronics

Back Button BLUENRG-M2 Datasheet HTML 17Page - STMicroelectronics BLUENRG-M2 Datasheet HTML 18Page - STMicroelectronics BLUENRG-M2 Datasheet HTML 19Page - STMicroelectronics BLUENRG-M2 Datasheet HTML 20Page - STMicroelectronics BLUENRG-M2 Datasheet HTML 21Page - STMicroelectronics BLUENRG-M2 Datasheet HTML 22Page - STMicroelectronics BLUENRG-M2 Datasheet HTML 23Page - STMicroelectronics BLUENRG-M2 Datasheet HTML 24Page - STMicroelectronics BLUENRG-M2 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 30 page
background image
Table 12. BLUENRG-M2SP mechanical data
Symbol
mm
Min.
Typ.
Max.
A
2.1
2.3
2.5
A1
0.7
0.8
0.9
A2
1.4
1.5
1.6
D
11.5
E
13.5
F
1
G
1.46
dia
0.7
Pad size X,Y (on bottom side)
0.6x1
e-pitch
1.27
tol.+/-0.025
Figure 11. BLUENRG-M2SP recommended footprint
BlueNRG-M2
BLUENRG-M2SP package information
DS13053 - Rev 2
page 21/30



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30