Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BLUENRG-M2 Fiches technique(PDF) 6 Page - STMicroelectronics

No de pièce BLUENRG-M2
Description  Very low power application processor module for Bluetooth® low energy v5.0
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BLUENRG-M2 Fiches technique(HTML) 6 Page - STMicroelectronics

Back Button BLUENRG-M2 Datasheet HTML 2Page - STMicroelectronics BLUENRG-M2 Datasheet HTML 3Page - STMicroelectronics BLUENRG-M2 Datasheet HTML 4Page - STMicroelectronics BLUENRG-M2 Datasheet HTML 5Page - STMicroelectronics BLUENRG-M2 Datasheet HTML 6Page - STMicroelectronics BLUENRG-M2 Datasheet HTML 7Page - STMicroelectronics BLUENRG-M2 Datasheet HTML 8Page - STMicroelectronics BLUENRG-M2 Datasheet HTML 9Page - STMicroelectronics BLUENRG-M2 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 30 page
background image
Figure 2. BlueNRG-M2 - BLE application processor
1.
Hosted mode (network processor): the module is configured as network module controlled by an external
host connected via SPI or UART. A project named DTM is available in the development kit that configures
the BlueNRG-M2 module as a network module.
Figure 3. BlueNRG-M2 as BLE network processor
BlueNRG-M2
Software structure
DS13053 - Rev 2
page 6/30



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30