| Moteur de recherche de fiches techniques de composants électroniques |
|
W5100S Fiches technique(PDF) 37 Page - WIZnet Co., Ltd |
|
|
|||||||||||||||||||||||||||||
W5100S Fiches technique(HTML) 37 Page - WIZnet Co., Ltd |
|
37 / 110 page ![]() W5100S Datasheet Version1.2.5 37 / 110 SLPHAR0(0x0054) SLPHAR1(0x0055) SLPHAR2(0x0056) 0x11 0x22 0x33 SLPHAR3(0x0057) SLPHAR4(0x0058) SLPHAR5(0x0059) 0xAA 0xBB 0xCC 3.1.37 PINGSEQR (PING Sequence-number Register) [R=W] [0x005A-0x005B] [0x0000] PINGSEQR configures Sequence Number for PING Request Packet and it is not automatically increased. Ex) PINGSEQR = 1000 (0x03E8) PINGSEQR0(0x005A) PINGSEQR1(0x005B) 0x03 0xE8 3.1.38 PINGIDR (PING ID Register) [R=W] [0x005C-0x005D] [0x0000] PINGIDR configures ID for PING Request Packet. Ex) PINGIDR = 256 (0x0100) PINGIDR0(0x005C) PINGIDR1(0x005D) 0x01 0x00 3.1.39 SLIMR (SOCKET-less Interrupt Mask Register) [R=W] [0x005E] [0x00] SLIMR is used for corresponding SLIR (SOCKET-less Interrupt Register) Bit Mask. 7 6 5 4 3 2 1 0 - - - - - TIMEOUT ARP PING - - - - - R=W R=W R=W Bit Symbol Description [7:3] - Reserved 2 TIMEOUT TIMEOUT Interrupt Mask 1 : Enable TIMEOUT Interrupt 0 : Disable TIMEOUT Interrupt 1 ARP ARP Interrupt Mask 1 : Enable ARP Interrupt 0 : Disable ARP Interrupt |