| Moteur de recherche de fiches techniques de composants électroniques |
|
W5100S Fiches technique(PDF) 49 Page - WIZnet Co., Ltd |
|
|
|||||||||||||||||||||||||||||
W5100S Fiches technique(HTML) 49 Page - WIZnet Co., Ltd |
|
49 / 110 page ![]() W5100S Datasheet Version1.2.5 49 / 110 Pointer Register) is increased to Data Size. After transmitting Data, Sn_TX_RD increases by Sn_TX_WR and Sn_IR [SENDOK] occurs. Ex) S0_TX_RD = 0xd4b3 S0_TX_RD0(0x0422) S0_TX_RD1(0x0423) 0xd4 0xb3 3.2.17 Sn_TX_WR (SOCKET n TX Write Pointer Register) [RW] [0x0024+0x0100*(n+4), 0x0025+0x0100*(n+4)] [0x0000] Sn_TX_WR indicates the last stored Data Address in SOCKET n TX Buffer Block. Sn_TX_RD is initialized by Sn_CR [OPEN]. On TCP Mode, Sn_TX_RD is re-configured in TCP Connection Process. Before Sn_CR [SEND] and Sn_CR [SEND_MAC], Sn_TX_WR must be set as transmitting Data Size. Ex) S0_TX_WR = 0x0800 S0_TX_WR0(0x0424) S0_TX_WR1(0x0425) 0x08 0x00 3.2.18 Sn_RX_RSR (SOCKET n RX Received Size Register) [RO] [0x0026+0x0100*(n+4), 0x0027+0x0100*(n+4)] [0x0000] Sn_RX_RSR indicates received Data Size in SOCKET n RX Buffer Block. In TCP, UDP, IPRAW and MACRAW mode, Sn_RX_RSR = | Sn_RX_WR(1) – Sn_RX_RD(2) | (1) SOCKET n RX Write Pointer Register (2) SOCKET n RX Read Pointer Register Ex) S0_RX_RSR = 2048 (0x0800) S0_RX_RSR0(0x0426) S0_RX_RSR1(0x0427) 0x08 0x00 3.2.19 Sn_RX_RD (SOCKET n RX Read Pointer Register) [RW] [0x0028+0x0100*(n+4), 0x0029+0x0100*(n+4)] [0x0000] Sn_RX_RD is the last Data Address read by HOST in SOCKET n RX Buffer Block. HOST is available to read Data from Sn_RX_RD to Sn_RX_WR in SOCKET n RX Buffer Block. After setting Sn_RX_RD as much as Data read, HOST must set Sn_CR [RECV] to update Sn_RX_RD. Ex) S0_RX_RD =1536(0x0600) |