Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

W5100S Fiches technique(PDF) 60 Page - WIZnet Co., Ltd

No de pièce W5100S
Description  embedded Ethernet controller
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  WIZNET [WIZnet Co., Ltd]
Site Internet  https://www.wiznet.io/ko/Product/
Logo WIZNET - WIZnet Co., Ltd

W5100S Fiches technique(HTML) 60 Page - WIZnet Co., Ltd

Back Button W5100S Datasheet HTML 56Page - WIZnet Co., Ltd W5100S Datasheet HTML 57Page - WIZnet Co., Ltd W5100S Datasheet HTML 58Page - WIZnet Co., Ltd W5100S Datasheet HTML 59Page - WIZnet Co., Ltd W5100S Datasheet HTML 60Page - WIZnet Co., Ltd W5100S Datasheet HTML 61Page - WIZnet Co., Ltd W5100S Datasheet HTML 62Page - WIZnet Co., Ltd W5100S Datasheet HTML 63Page - WIZnet Co., Ltd W5100S Datasheet HTML 64Page - WIZnet Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 110 page
background image
60 / 110
W5100S Datasheet Version1.2.5
When Write Offset Address calculated, it is cautious to over the boundary Address (n=0,1,2 :
gSn_TX_BASE ∼ gSn+1_TX_BASE, n=3 : gS3_TX_BASE ∼ 0xC000) of SOCKET n TX Buffer Block.
If there is no response from Peer against of transmitted Data Packet within the Retransmission
Time, Sn_IR [TIMEOUT] is set to ‘1’.
{
/* calculate SOCKETn TX Buffer Size & Offset Address */
gSn_TX_MAX = Sn_TXBUF_SIZE * 1024;
get_offset = Sn_TX_WR & gSn_TX_MASK;
/* check the max size of DATA(send_size) & Free Size of SOCKETn TX
Buffer(Sn_TX_FSR)*/
if( send_size >gSn_TX_MAX ) send_size = gSn_TX_MAX;
while(send <= Sn_TX_FSR); // Wait until SOCKET n TX Buffer is free */
/* If you don’t want to wait TX Buffer Free
send_size = Sn_TX_FSR; // write Data as size of Free Buffer
*/
/* calculate Write Offset Address */
get_start_address = gSn_TX_BASE + get_offset;
/* if overflow the upper boundary of SOCKET n TX Buffer */
If( (get_offset + send_size) > gSn_TX_MAX )
{
/* copy upper size bytes of source_address to get_start_address
- source_address is the start address of user data */
upper_size = gSn_TX_MAX – get_offset;
memcpy(source_address, get_start_address, upper_size);
/* copy the Remained Size Bytes of source_address to gSn_TX_BASE */
source_address += upper_size;
remained_size = send_size – upper_size;
memcpy(source_address, gSn_TX_BASE, remained_size);
}
else
{
/* copy send_size bytes of source_address to get_start_address
- source_address is the start address of user data */



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More