Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ST33TPHF2ESPI Fiches technique(PDF) 2 Page - STMicroelectronics

No de pièce ST33TPHF2ESPI
Description  Flash-memory-based device combining TPM 1.2 and TPM 2.0 with an SPI interface
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST33TPHF2ESPI Fiches technique(HTML) 2 Page - STMicroelectronics

  ST33TPHF2ESPI Datasheet HTML 1Page - STMicroelectronics ST33TPHF2ESPI Datasheet HTML 2Page - STMicroelectronics ST33TPHF2ESPI Datasheet HTML 3Page - STMicroelectronics ST33TPHF2ESPI Datasheet HTML 4Page - STMicroelectronics ST33TPHF2ESPI Datasheet HTML 5Page - STMicroelectronics ST33TPHF2ESPI Datasheet HTML 6Page - STMicroelectronics ST33TPHF2ESPI Datasheet HTML 7Page - STMicroelectronics ST33TPHF2ESPI Datasheet HTML 8Page - STMicroelectronics ST33TPHF2ESPI Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 26 page
background image
Product compliance
•
TPM 1.2 compliant with Microsoft® Windows® 7, 8.1 and 10
•
TPM 2.0 compliant with Microsoft Windows 10
•
Compliant with Intel® TXT for TPM1.2 and TPM 2.0 in SPI FIFO mode
•
TPM 1.2 and TPM 2.0 compliant with the respective TCG test suites
ST33TPHF2ESPI
DB2716 - Rev 4
page 2/26



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26