Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ST33TPHF2ESPI Fiches technique(PDF) 17 Page - STMicroelectronics

No de pièce ST33TPHF2ESPI
Description  Flash-memory-based device combining TPM 1.2 and TPM 2.0 with an SPI interface
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST33TPHF2ESPI Fiches technique(HTML) 17 Page - STMicroelectronics

Back Button ST33TPHF2ESPI Datasheet HTML 13Page - STMicroelectronics ST33TPHF2ESPI Datasheet HTML 14Page - STMicroelectronics ST33TPHF2ESPI Datasheet HTML 15Page - STMicroelectronics ST33TPHF2ESPI Datasheet HTML 16Page - STMicroelectronics ST33TPHF2ESPI Datasheet HTML 17Page - STMicroelectronics ST33TPHF2ESPI Datasheet HTML 18Page - STMicroelectronics ST33TPHF2ESPI Datasheet HTML 19Page - STMicroelectronics ST33TPHF2ESPI Datasheet HTML 20Page - STMicroelectronics ST33TPHF2ESPI Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 26 page
background image
7
Package marking information
The two figures below illustrate the typical markings of the TSSOP28 and the VQFN32 device packages,
respectively.
Figure 14. TSSOP28 device package marking area
A
B
C
D
F
E
H
J
G
a
A: Marking area
B: Assembly plant
C: BE sequence
D: Diffusion plant
E: Assembly year
F: Assembly week
G: ECOPACK level
H: ST logo
J: Marking area - 2 digits
a: Dot
Figure 15. VQFN32 device package marking area
A
B
C
D
E
F
G
I
J
H
K
A: Marking area
B: Assembly plant
C: BE sequence
D: Diffusion plant
E: Country of origin
F: Assembly year
G: Assembly week
H: ECOPACK
I: ST logo
J: Marking area - 2 digits
K: Dot
For both packages, the 6-digit ‘A’ marking area is equal to "PXYZZZ", with:
•
Y = Hardware revision
•
ZZZ = Product identifier
ST33TPHF2ESPI
Package marking information
DB2716 - Rev 4
page 17/26



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26