| Moteur de recherche de fiches techniques de composants électroniques |
|
TL072CPWR Fiches technique(PDF) 23 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
TL072CPWR Fiches technique(HTML) 23 Page - Texas Instruments |
|
23 / 69 page ![]() −6 t − Time − µs 3.5 6 0 0.5 1 1.5 2 2.5 3 −4 −2 0 2 4 Output Input VCC± = ±15 V RL = 2 k TA = 25°C CL = 100 pF 0.001 1 40 k 10 k 4 k 1 k 400 100 k f − Frequency − Hz 100 0.004 0.01 0.04 0.1 0.4 VCC± = ±15 V AVD = 1 VI(RMS) = 6 V TA = 25°C 10 0 f − Frequency − Hz 100 k 50 10 20 30 40 VCC± = ±15 V AVD = 10 RS = 20 TA = 25°C 40 100 400 1 k 4 k 10 k 40 k −75 0 TA − Free-Air Temperature − °C 125 2 −50 −25 0 25 50 75 100 0.2 0.4 0.6 0.8 1 1.2 1.4 1.6 1.8 VCC± = ±15 V No Signal No Load −75 0 TA − Free-Air Temperature −C ° 125 250 −50 −25 0 25 50 75 100 25 50 75 100 125 150 175 200 225 VCC± = 15 V ± No Signal No Load TL074 TL071 TL072 23 TL071, TL071A, TL071B TL072, TL072A, TL072B, TL074, TL074A, TL074B, TL072M, TL074M www.ti.com SLOS080N – SEPTEMBER 1978 – REVISED JULY 2017 Product Folder Links: TL071 TL071A TL071B TL072 TL072A TL072B TL074 TL074A TL074B TL072M TL074M Submit Documentation Feedback Copyright © 1978–2017, Texas Instruments Incorporated Typical Characteristics (continued) Figure 13. Supply Current Per Amplifier vs Free-Air Temperature Figure 14. Total Power Dissipation vs Free-Air Temperature Figure 15. Normalized Slew Rate vs Free-Air Temperature Figure 16. Equivalent Input Noise Voltage vs Frequency Figure 17. Total Harmonic Distortion vs Frequency Figure 18. Voltage-Follower Large-Signal Pulse Response |