| Moteur de recherche de fiches techniques de composants électroniques |
|
TL072CPWR Fiches technique(PDF) 21 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
TL072CPWR Fiches technique(HTML) 21 Page - Texas Instruments |
|
21 / 69 page ![]() −75 0 TA − Free-Air Temperature − °C 125 ±15 −50 −25 0 25 50 75 100 ±2.5 ±5 ±7.5 ±10 ±12.5 RL = 10 k VCC± = ±15 V See Figure 2 RL = 2 k 8 0.1 0 RL − Load Resistance − k 10 ±15 ±2.5 ±5 ±7.5 ±10 ±12.5 VCC± = ±15 V TA = 25°C See Figure 2 0.2 0.4 0.7 1 2 4 7 8 10 M 1 M 100 k 10 k 1 k 100 f − Frequency − Hz 0 ±2.5 ±5 ±7.5 ±10 ±12.5 ±15 See Figure 2 TA = 25°C RL = 2 k VCC± = ±10 V VCC± = ±5 V VCC± = ±15 V 8 RL = 10 k TA = 25°C See Figure 2 ±15 ±12.5 ±10 ±7.5 ±5 ±2.5 0 f − Frequency − Hz 100 1 k 10 k 100 k 1 M 10 M VCC± = ±5 V VCC± = ±10 V VCC± = ±15 V TA − Free-Air Temperature − °C 10 1 0.1 0.01 100 −75 −50 −25 0 25 50 75 100 125 VCC± = ±15 V 21 TL071, TL071A, TL071B TL072, TL072A, TL072B, TL074, TL074A, TL074B, TL072M, TL074M www.ti.com SLOS080N – SEPTEMBER 1978 – REVISED JULY 2017 Product Folder Links: TL071 TL071A TL071B TL072 TL072A TL072B TL074 TL074A TL074B TL072M TL074M Submit Documentation Feedback Copyright © 1978–2017, Texas Instruments Incorporated 6.18.1 Typical Characteristics Figure 1. Input Bias Current vs Free-Air Temperature Figure 2. Maximum Peak Output Voltage vs Frequency Figure 3. Maximum Peak Output Voltage vs Frequency Figure 4. Maximum Peak Output Voltage vs Frequency Figure 5. Maximum Peak Output Voltage vs Free-Air Temperature Figure 6. Maximum Peak Output Voltage vs Load Resistance |