| Moteur de recherche de fiches techniques de composants électroniques |
|
TL072CPWR Fiches technique(PDF) 28 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
TL072CPWR Fiches technique(HTML) 28 Page - Texas Instruments |
|
28 / 69 page ![]() V RF A = RI - V 1.8 A = 3.6 0.5 = - - V VOUT A = VIN Vsup+ + VOUT RF VIN RI Vsup- Copyright © 2016, Texas Instruments Incorporated 28 TL071, TL071A, TL071B TL072, TL072A, TL072B, TL074, TL074A, TL074B, TL072M, TL074M SLOS080N – SEPTEMBER 1978 – REVISED JULY 2017 www.ti.com Product Folder Links: TL071 TL071A TL071B TL072 TL072A TL072B TL074 TL074A TL074B TL072M TL074M Submit Documentation Feedback Copyright © 1978–2017, Texas Instruments Incorporated 8 Application and Implementation NOTE Information in the following applications sections is not part of the TI component specification, and TI does not warrant its accuracy or completeness. TI’s customers are responsible for determining suitability of components for their purposes. Customers should validate and test their design implementation to confirm system functionality. 8.1 Application Information A typical application for an operational amplifier is an inverting amplifier. This amplifier takes a positive voltage on the input, and makes the voltage a negative voltage. In the same manner, the amplifier makes negative voltages positive. 8.2 Typical Application Figure 24. Inverting Amplifier 8.2.1 Design Requirements The supply voltage must be selected so the supply voltage is larger than the input voltage range and output range. For instance, this application scales a signal of ±0.5 V to ±1.8 V. Setting the supply at ±12 V is sufficient to accommodate this application. 8.2.2 Detailed Design Procedure Determine the gain required by the inverting amplifier: (1) (2) Once the desired gain is determined, select a value for RI or RF. Selecting a value in the kilohm range is desirable because the amplifier circuit uses currents in the milliamp range. This ensures the part does not draw too much current. This example uses 10 kΩ for RI which means 36 kΩ is used for RF. This is determined by Equation 3. (3) |