| Moteur de recherche de fiches techniques de composants électroniques |
|
PMS232 Fiches technique(PDF) 78 Page - PADAUK Technology. |
|
|
|||||||||||||||||||||||||||||
PMS232 Fiches technique(HTML) 78 Page - PADAUK Technology. |
|
78 / 94 page ![]() PMC232/PMS232 Series 12-bit ADC Enhanced FPPA TM 8-bit OTP Controller ©Copyright 2018, PADAUK Technology Co. Ltd Page 78 of 94 PDK-DS-PMx232_V104– Dec. 18, 2018 xor a, M Perform logic XOR on ACC and memory, then put result into ACC Example: xor a, MEM ; Result: a ← a ^ RAM10 Affected flags: 『Y』Z 『N』C 『N』AC 『N』OV xor M, a Perform logic XOR on ACC and memory, then put result into memory Example: xor MEM, a ; Result: MEM ← a ^ MEM Affected flags: 『Y』Z 『N』C 『N』AC 『N』OV not a Perform 1’s complement (logical complement) of ACC Example: not a ; Result: a ← 〜a Affected flags: 『Y』Z 『N』C 『N』AC 『N』OV Application Example: ------------------------------------------------------------------------------------------------------------------------ mov a, 0x38 ; // ACC=0X38 not a ; // ACC=0XC7 ------------------------------------------------------------------------------------------------------------------------ not M Perform 1’s complement (logical complement) of memory Example: not MEM ; Result: MEM ← 〜MEM Affected flags: 『Y』Z 『N』C 『N』AC 『N』OV Application Example: ------------------------------------------------------------------------------------------------------------------------ mov a, 0x38 ; mov mem, a ; // mem = 0x38 not mem ; // mem = 0xC7 ------------------------------------------------------------------------------------------------------------------------ neg a Perform 2’s complement of ACC Example: neg a; Result: a ← 〒a Affected flags: 『Y』Z 『N』C 『N』AC 『N』OV Application Example: ------------------------------------------------------------------------------------------------------------------------ mov a, 0x38 ; // ACC=0X38 neg a ; // ACC=0XC8 ------------------------------------------------------------------------------------------------------------------------ neg M Perform 2’s complement of memory Example: neg MEM; Result: MEM ← 〒MEM Affected flags: 『Y』Z 『N』C 『N』AC 『N』OV |