| Moteur de recherche de fiches techniques de composants électroniques |
|
PMS232 Fiches technique(PDF) 77 Page - PADAUK Technology. |
|
|
|||||||||||||||||||||||||||||
PMS232 Fiches technique(HTML) 77 Page - PADAUK Technology. |
|
77 / 94 page ![]() PMC232/PMS232 Series 12-bit ADC Enhanced FPPA TM 8-bit OTP Controller ©Copyright 2018, PADAUK Technology Co. Ltd Page 77 of 94 PDK-DS-PMx232_V104– Dec. 18, 2018 7-4. Logic Operation Instructions and a, I Perform logic AND on ACC and immediate data, then put result into ACC Example: and a, 0x0f ; Result: a ← a & 0fh Affected flags: 『Y』Z 『N』C 『N』AC 『N』OV and a, M Perform logic AND on ACC and memory, then put result into ACC Example: and a, RAM10 ; Result: a ← a & RAM10 Affected flags: 『Y』Z 『N』C 『N』AC 『N』OV and M, a Perform logic AND on ACC and memory, then put result into memory Example: and MEM, a ; Result: MEM ← a & MEM Affected flags: 『Y』Z 『N』C 『N』AC 『N』OV or a, I Perform logic OR on ACC and immediate data, then put result into ACC Example: or a, 0x0f ; Result: a ← a | 0fh Affected flags: 『Y』Z 『N』C 『N』AC 『N』OV or a, M Perform logic OR on ACC and memory, then put result into ACC Example: or a, MEM ; Result: a ← a | MEM Affected flags: 『Y』Z 『N』C 『N』AC 『N』OV or M, a Perform logic OR on ACC and memory, then put result into memory Example: or MEM, a ; Result: MEM ← a | MEM Affected flags: 『Y』Z 『N』C 『N』AC 『N』OV xor a, I Perform logic XOR on ACC and immediate data, then put result into ACC Example: xor a, 0x0f ; Result: a ← a ^ 0fh Affected flags: 『Y』Z 『N』C 『N』AC 『N』OV xor a, IO Perform logic XOR on ACC and IO register, then put result into ACC Example: xor a, pa ; Result: a ← a ^ pa ; // pa is the data register of port A Affected flags: 『Y』Z 『N』C 『N』AC 『N』OV xor IO, a Perform logic XOR on ACC and IO register, then put result into IO register Example: xor pa, a ; Result: pa ← a ^ pa ; // pa is the data register of port A Affected flags: 『N』Z 『N』C 『N』AC 『N』OV |