Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PMS232 Fiches technique(PDF) 73 Page - PADAUK Technology.

No de pièce PMS232
Description  12-bit ADC Enhanced
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PADAUK [PADAUK Technology.]
Site Internet  http://www.padauk.com.tw/
Logo PADAUK - PADAUK Technology.

PMS232 Fiches technique(HTML) 73 Page - PADAUK Technology.

Back Button PMS232 Datasheet HTML 69Page - PADAUK Technology. PMS232 Datasheet HTML 70Page - PADAUK Technology. PMS232 Datasheet HTML 71Page - PADAUK Technology. PMS232 Datasheet HTML 72Page - PADAUK Technology. PMS232 Datasheet HTML 73Page - PADAUK Technology. PMS232 Datasheet HTML 74Page - PADAUK Technology. PMS232 Datasheet HTML 75Page - PADAUK Technology. PMS232 Datasheet HTML 76Page - PADAUK Technology. PMS232 Datasheet HTML 77Page - PADAUK Technology. Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 94 page
background image
PMC232/PMS232 Series
12-bit ADC Enhanced FPPA
TM
8-bit OTP Controller
©Copyright 2018, PADAUK Technology Co. Ltd
Page 73 of 94
PDK-DS-PMx232_V104– Dec. 18, 2018
pushaf
Move the ACC and flag register to memory that address specified in the stack pointer.
Example:
pushaf;
Result:
[sp] ← {flag, ACC};
sp ← sp + 2 ;
Affected flags: 『N』Z
『N』C
『N』AC
『N』OV
Application Example:
------------------------------------------------------------------------------------------------------------------------
.romadr 0x10 ;
// ISR entry address
pushaf ;
// put ACC and flag into stack memory
...
// ISR program
...
// ISR program
popaf ;
// restore ACC and flag from stack memory
reti ;
------------------------------------------------------------------------------------------------------------------------
popaf
Restore ACC and flag from the memory which address is specified in the stack pointer.
Example:
popaf;
Result:
sp
← sp - 2 ;
{Flag, ACC} ← [sp] ;
Affected flags: 『Y』Z
『Y』C
『Y』AC
『Y』OV
7-2. Arithmetic Operation Instructions
add
a, I
Add immediate data with ACC, then put result into ACC
Example:
add
a, 0x0f ;
Result:
a ← a + 0fh
Affected flags: 『Y』Z
『Y』C
『Y』AC
『Y』OV
add
a, M
Add data in memory with ACC, then put result into ACC
Example:
add
a, MEM ;
Result:
a ← a + MEM
Affected flags: 『Y』Z
『Y』C
『Y』AC
『Y』OV
add
M, a
Add data in memory with ACC, then put result into memory
Example:
add
MEM, a;
Result:
MEM ← a + MEM
Affected flags: 『Y』Z
『Y』C
『Y』AC
『Y』OV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94