Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PFS172 Fiches technique(PDF) 92 Page - PADAUK Technology.

No de pièce PFS172
Description  8bit MTP Type MCU with 8-bit ADC
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PADAUK [PADAUK Technology.]
Site Internet  http://www.padauk.com.tw/
Logo PADAUK - PADAUK Technology.

PFS172 Fiches technique(HTML) 92 Page - PADAUK Technology.

Back Button PFS172 Datasheet HTML 84Page - PADAUK Technology. PFS172 Datasheet HTML 85Page - PADAUK Technology. PFS172 Datasheet HTML 86Page - PADAUK Technology. PFS172 Datasheet HTML 87Page - PADAUK Technology. PFS172 Datasheet HTML 88Page - PADAUK Technology. PFS172 Datasheet HTML 89Page - PADAUK Technology. PFS172 Datasheet HTML 90Page - PADAUK Technology. PFS172 Datasheet HTML 91Page - PADAUK Technology. PFS172 Datasheet HTML 92Page - PADAUK Technology.  
Zoom Inzoom in Zoom Outzoom out
 92 / 92 page
background image
PFS172
8bit MTP MCU with 8-bit ADC
©Copyright 2020, PADAUK Technology Co. Ltd
Page 92 of 92
PDK-DS-PFS172-EN_V000-May 8, 2020
9.3. Using ICE
(1)
PDK5S-I-S01/2(B) supports PFS172 MCU emulation, the following items should be noted when using
PDK5S-I-S01/2(B) to emulate PFS172:
PDK5S-I-S01/2(B) doesn’t support the instruction NMOV/SWAP/NADD/COMP with RAM.
PDK5S-I-S01/2(B) doesn’t support SYSCLK=ILRC/16.
PDK5S-I-S01/2(B) doesn’t support the function Tm2.gpcrs/Tm3.gpcrs.
PDK5S-I-S01/2(B) doesn’t support the code options: PB4_PB7_Drive, GPC_PWM, TMx_source
and TMx_bit.
PDK5S-I-S01/2(B) doesn’t support PAPL, PBPL.
When using GPCC output, PA3 will be influenced.
When simulating PWM waveform, please check the waveform during program running. When the
ICE is suspended or single-step running, its waveform may be inconsistent with the reality.
The ILRC frequency of the PDK5S-I-S01/2(B) simulator is different from the actual IC and is
uncalibrated, with a frequency range of about 34K~38KHz.
Fast Wakeup time is different from PDK5S-I-S01/2(B): 128 SYSCLK, PFS172: 45 ILRC
Watch dog time out period is different from PDK5S-I-S01/2(B):
WDT period
PDK5S-I-S01/2(B)
PFS172
misc[1:0]=00
2048 * TILRC
8192 * TILRC
misc[1:0]=01
4096 * TILRC
16384 * TILRC
misc[1:0]=10
16384 * TILRC
65536 * TILRC
misc[1:0]=11
256 * TILRC
262144 * TILRC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92