| Moteur de recherche de fiches techniques de composants électroniques |
|
PFS172 Fiches technique(PDF) 73 Page - PADAUK Technology. |
|
|
|||||||||||||||||||||||||||||
PFS172 Fiches technique(HTML) 73 Page - PADAUK Technology. |
|
73 / 92 page ![]() PFS172 8bit MTP MCU with 8-bit ADC ©Copyright 2020, PADAUK Technology Co. Ltd Page 73 of 92 PDK-DS-PFS172-EN_V000-May 8, 2020 stt16 word Store 16-bit data from memory in word to Timer16. Example: stt16 word; Result: 16- bit timer ←word Affected flags: 『N』Z 『N』C 『N』AC 『N』OV Application Example: ------------------------------------------------------------------------------------------------------------------------ word T16val ; // declare a RAM word … mov a, 0x34 ; mov lb@ T16val , a ; // move 0x34 to T16val (LSB) mov a, 0x12 ; mov hb@ T16val , a ; // move 0x12 to T16val (MSB) stt16 T16val ; // initial T16 with 0x1234 … ---------------------------------------------------------------------------------------------------------------------- Idxm a, index Move data from specified memory to ACC by indirect method. It needs 2T to execute this instruction. Example: idxm a, index; Result: a ← [index], where index is declared by word. Affected flags: 『N』Z 『N』C 『N』AC 『N』OV Application Example: ------------------------------------------------------------------------------------------------------------------------ word RAMIndex ; // declare a RAM pointer … mov a, 0x5B ; // assign pointer to an address (LSB) mov lb@RAMIndex, a ; // save pointer to RAM (LSB) mov a, 0x00 ; // assign 0x00 to an address (MSB), should be 0 mov hb@RAMIndex, a ; // save pointer to RAM (MSB) … idxm a, RAMIndex ; // move memory data in address 0x5B to ACC ------------------------------------------------------------------------------------------------------------------------ Idxm index, a Move data from ACC to specified memory by indirect method. It needs 2T to execute this instruction. Example: idxm index, a; Result: [index] ← a; where index is declared by word. Affected flags: 『N』Z 『N』C 『N』AC 『N』OV Application Example: ------------------------------------------------------------------------------------------------------------------------ word RAMIndex ; // declare a RAM pointer … mov a, 0x5B ; // assign pointer to an address (LSB) mov lb@RAMIndex, a ; // save pointer to RAM (LSB) mov a, 0x00 ; // assign 0x00 to an address (MSB), should be 0 mov hb@RAMIndex, a ; // save pointer to RAM (MSB) … mov a, 0xA5 ; idxm RAMIndex, a ; // mov 0xA5 to memory in address 0x5B ------------------------------------------------------------------------------------------------------------------------ |