| Moteur de recherche de fiches techniques de composants électroniques |
|
PFS172 Fiches technique(PDF) 78 Page - PADAUK Technology. |
|
|
|||||||||||||||||||||||||||||
PFS172 Fiches technique(HTML) 78 Page - PADAUK Technology. |
|
78 / 92 page ![]() PFS172 8bit MTP MCU with 8-bit ADC ©Copyright 2020, PADAUK Technology Co. Ltd Page 78 of 92 PDK-DS-PFS172-EN_V000-May 8, 2020 7.4. Logic Operation Instructions and a, I Perform logic AND on ACC and immediate data, then put result into ACC Example: and a, 0x0f ; Result: a ← a & 0fh Affected flags: 『Y』Z 『N』C 『N』AC 『N』OV and a, M Perform logic AND on ACC and memory, then put result into ACC Example: and a, RAM10 ; Result: a ← a & RAM10 Affected flags: 『Y』Z 『N』C 『N』AC 『N』OV and M, a Perform logic AND on ACC and memory, then put result into memory Example: and MEM, a ; Result: MEM ← a & MEM Affected flags: 『Y』Z 『N』C 『N』AC 『N』OV or a, I Perform logic OR on ACC and immediate data, then put result into ACC Example: or a, 0x0f ; Result: a ← a | 0fh Affected flags: 『Y』Z 『N』C 『N』AC 『N』OV or a, M Perform logic OR on ACC and memory, then put result into ACC Example: or a, MEM ; Result: a ← a | MEM Affected flags: 『Y』Z 『N』C 『N』AC 『N』OV or M, a Perform logic OR on ACC and memory, then put result into memory Example: or MEM, a ; Result: MEM ← a | MEM Affected flags: 『Y』Z 『N』C 『N』AC 『N』OV xor a, I Perform logic XOR on ACC and immediate data, then put result into ACC Example: xor a, 0x0f ; Result: a ← a ^ 0fh Affected flags: 『Y』Z 『N』C 『N』AC 『N』OV xor IO, a Perform logic XOR on ACC and IO register, then put result into IO register Example: xor pa, a ; Result: pa ← a ^ pa ; // pa is the data register of port A Affected flags: 『N』Z 『N』C 『N』AC 『N』OV xor a, M Perform logic XOR on ACC and memory, then put result into ACC Example: xor a, MEM ; Result: a ← a ^ RAM10 Affected flags: 『Y』Z 『N』C 『N』AC 『N』OV xor M, a Perform logic XOR on ACC and memory, then put result into memory Example: xor MEM, a ; Re sult: MEM ← a ^ MEM Affected flags: 『Y』Z 『N』C 『N』AC 『N』OV |