Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PFS154 Fiches technique(PDF) 35 Page - PADAUK Technology.

No de pièce PFS154
Description  8bit MTP Type IO controller
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PADAUK [PADAUK Technology.]
Site Internet  http://www.padauk.com.tw/
Logo PADAUK - PADAUK Technology.

PFS154 Fiches technique(HTML) 35 Page - PADAUK Technology.

Back Button PFS154 Datasheet HTML 31Page - PADAUK Technology. PFS154 Datasheet HTML 32Page - PADAUK Technology. PFS154 Datasheet HTML 33Page - PADAUK Technology. PFS154 Datasheet HTML 34Page - PADAUK Technology. PFS154 Datasheet HTML 35Page - PADAUK Technology. PFS154 Datasheet HTML 36Page - PADAUK Technology. PFS154 Datasheet HTML 37Page - PADAUK Technology. PFS154 Datasheet HTML 38Page - PADAUK Technology. PFS154 Datasheet HTML 39Page - PADAUK Technology. Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 91 page
background image
PFS154
8bit MTP Type IO Controller
©Copyright 2020, PADAUK Technology Co. Ltd
Page 35 of 91
PDK-DS-PFS154_CN_V105 –Jun. 9, 2020
5.7. Interrupt Controller
The hardware diagram of interrupt controller is shown as Fig. 6, there are total 7 interrupt sources for PFS154:
PA0, PB0, Timer16, Comparator, Timer2, Timer3, PWMG0. Among them, every interrupt request line to CPU
has its own corresponding interrupt control bit to enable or disable it. All the interrupt request flags are set by
hardware and cleared by writing intrq register. When the request flags are set, it can be rising edge, falling edge
or both, depending on the setting of register integs. All the interrupt request lines are also controlled by engint
instruction (enable global interrupt) to enable interrupt operation and disgint instruction (disable global interrupt)
to disable it.
Fig. 6: Hardware diagram of Interrupt controller



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91