| Moteur de recherche de fiches techniques de composants électroniques |
|
PFS154 Fiches technique(PDF) 44 Page - PADAUK Technology. |
|
|
|||||||||||||||||||||||||||||
PFS154 Fiches technique(HTML) 44 Page - PADAUK Technology. |
|
44 / 91 page ![]() PFS154 8bit MTP Type IO Controller ©Copyright 2020, PADAUK Technology Co. Ltd Page 44 of 91 PDK-DS-PFS154_CN_V105 –Jun. 9, 2020 gpcs.5=1 gpcs.5=0 gpcs.4=0 gpcs.4=1 8R R R R R 16 stages VDD 8R 8R 8R 8R MUX gpcs[3:0] Case 1 : gpcs.5=0 & gpcs.4=0 V internal R = (3/4) VDD ~ (1/4) VDD + (1/32) VDD @ gpcs[3:0] = 1111 ~ gpcs[3:0] = 0000 V internal R = * VDD + * VDD, n = gpcs[3:0] in decimal 1 4 (n+1) 32 Fig. 10: Vinternal R hardware connection if gpcs.5=0 and gpcs.4=0 gpcs.5=1 gpcs.5=0 gpcs.4=0 gpcs.4=1 8R R R R R 16 stages VDD 8R 8R 8R 8R MUX gpcs[3:0] Case 2 : gpcs.5=0 & gpcs.4= 1 V internal R = (2/3) VDD ~ (1/24) VDD @ gpcs[3:0] = 1111 ~ gpcs[3:0] = 0000 V internal R = * VDD, n = gpcs[3:0] in decimal (n+1) 24 Fig. 11: Vinternal R hardware connection if gpcs.5=0 and gpcs.4=1 |