Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PFS154 Fiches technique(PDF) 39 Page - PADAUK Technology.

No de pièce PFS154
Description  8bit MTP Type IO controller
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PADAUK [PADAUK Technology.]
Site Internet  http://www.padauk.com.tw/
Logo PADAUK - PADAUK Technology.

PFS154 Fiches technique(HTML) 39 Page - PADAUK Technology.

Back Button PFS154 Datasheet HTML 35Page - PADAUK Technology. PFS154 Datasheet HTML 36Page - PADAUK Technology. PFS154 Datasheet HTML 37Page - PADAUK Technology. PFS154 Datasheet HTML 38Page - PADAUK Technology. PFS154 Datasheet HTML 39Page - PADAUK Technology. PFS154 Datasheet HTML 40Page - PADAUK Technology. PFS154 Datasheet HTML 41Page - PADAUK Technology. PFS154 Datasheet HTML 42Page - PADAUK Technology. PFS154 Datasheet HTML 43Page - PADAUK Technology. Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 91 page
background image
PFS154
8bit MTP Type IO Controller
©Copyright 2020, PADAUK Technology Co. Ltd
Page 39 of 91
PDK-DS-PFS154_CN_V105 –Jun. 9, 2020
The initial counting value of Timer16 is zero and the system will be woken up after the Timer16 counts 256
ILRC clocks.
5.8.2
Power-Down mode (“stopsys”)
Power-Down mode is the state of deeply power-saving with turning off all the oscillator modules. By using the
“stopsys” instruction, this chip will be put on Power-Down mode directly. The following shows the internal
status of PFS154 in detail when “stopsys” command is issued:
(1) All the oscillator modules are turned off
(2) MTP memory is turned off
(3) The contents of SRAM and registers remain unchanged
(4) Wake-up sources: IO toggle in digital mode (PxDIER bit is 1)
Wake-up from input pins can be considered as a continuation of normal execution. To minimize power
consumption, all the I/O pins should be carefully manipulated before entering power-down mode. The
reference sample program for power down is shown as below:
CMKMD
=
0xF4;
//
Change clock from IHRC to ILRC, disable watchdog timer
CLKMD.4 =
0;
//
disable IHRC
…
while (1)
{
STOPSYS;
//
enter power-down
if
(…)
break;
//
if wakeup happen and check OK, then return to high speed,
//
else stay in power-down mode again.
}
CLKMD
=
0x34;
//
Change clock from ILRC to IHRC/2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91