Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MTC20454-TQ-I Fiches technique(PDF) 5 Page - STMicroelectronics

No de pièce MTC20454-TQ-I
Description  QUAD INTEGRATED ADSL CMOS ANALOG FRONT END CIRCUIT
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

MTC20454-TQ-I Fiches technique(HTML) 5 Page - STMicroelectronics

  MTC20454-TQ-I Datasheet HTML 1Page - STMicroelectronics MTC20454-TQ-I Datasheet HTML 2Page - STMicroelectronics MTC20454-TQ-I Datasheet HTML 3Page - STMicroelectronics MTC20454-TQ-I Datasheet HTML 4Page - STMicroelectronics MTC20454-TQ-I Datasheet HTML 5Page - STMicroelectronics MTC20454-TQ-I Datasheet HTML 6Page - STMicroelectronics MTC20454-TQ-I Datasheet HTML 7Page - STMicroelectronics MTC20454-TQ-I Datasheet HTML 8Page - STMicroelectronics MTC20454-TQ-I Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
5/15
MTC20454
ABSOLUTE MAXIMUM RATINGS
Operation of the device beyond these limits may cause permanent damage. It is not implied that more than
one of these conditions can be applied simultaneously.
OPERATING CONDITIONS
Unless specified, the characteristic limits of ‘Static characteristics’ in this document apply for the following
operating conditions:
ELECTRICAL CHARACTERISTICS
Static Characteristics
a. Digital Inputs
Schmitt-trigger inputs: TXi, CTRLIN, CLKIN, RESETN, TEST
Clock Driver Input
b. Digital Outputs
Hard driven outputs: RXi, CLKWD, LiGPi, LiDRVi, LiDRVSD
Clock Driver Output
Symbol
Parameter Description
Min
Max
Unit
VDD
Any VDD supply voltage, related to substrate
-0.5
5
Vhh
Vin
Voltage at any input pin
-0.5
VDD + 0.5
V
Tstg
Storage Temperature
-40
125
°C
TL
Lead Temperature (10 second soldering)
300
°C
ILU
Latch-up current @ 80°C
100
mA
Symbol
Parameter Description
Min
Max
Unit
AVDD
AVDD supply voltage, related to substrate
3.0
3.6
V
DVDD
DVDD supply voltage, related to substrate
2.7
3.6
V
Vin, Vout
Voltage at any input and output pin
0
VDD
V
Pd
Power Dissipation
0.4
0.6
W
Tamb
Ambient Temperature
-40
85
°C
Tj
Junction temperature
-40
110
°C
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
VIL
Low level input voltage
0.2*DVDD
V
VIH
High level input voltage
0.8*DVDD
V
VH
Hysteresis
1.0
1.3
V
Cinp
Input capacitance
3pF
Symbol
Parameters
Test Cond
Min
Max
Unit
VOL
Low level output voltage
Iout = 4 mA
.15*DVDD
V
VOH
High level output voltage
Iout = 4 mA
.85*DVDD
V
Cload
Load capacitance
1.0
30
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com