Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MTC20454-TQ-I Fiches technique(PDF) 4 Page - STMicroelectronics

No de pièce MTC20454-TQ-I
Description  QUAD INTEGRATED ADSL CMOS ANALOG FRONT END CIRCUIT
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

MTC20454-TQ-I Fiches technique(HTML) 4 Page - STMicroelectronics

  MTC20454-TQ-I Datasheet HTML 1Page - STMicroelectronics MTC20454-TQ-I Datasheet HTML 2Page - STMicroelectronics MTC20454-TQ-I Datasheet HTML 3Page - STMicroelectronics MTC20454-TQ-I Datasheet HTML 4Page - STMicroelectronics MTC20454-TQ-I Datasheet HTML 5Page - STMicroelectronics MTC20454-TQ-I Datasheet HTML 6Page - STMicroelectronics MTC20454-TQ-I Datasheet HTML 7Page - STMicroelectronics MTC20454-TQ-I Datasheet HTML 8Page - STMicroelectronics MTC20454-TQ-I Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
MTC20454
4/15
Figure 2. MTC20454 Grounding and Decoupling Networks
Figure 3. PIN CONNECTION
Analog VDD
10
∝F
100nF
A VDD
(each pin must have
its own capacitor)
VRAP pin
VREP pin
VRAN pin
100nF
100nF
100nF
100nF
10µF
10
∝F
DACVREF pin
100nF
AGND pin
100nF
10
∝F
75
74
73
72
71
70
69
68
67
66
65
64
63
62
61
60
59
58
57
56
55
54
53
52
51
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
50
49
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
76
77
78
79
80
81
82
83
84
85
86
87
88
89
90
91
92
93
94
95
96
97
98
99
100
TEST
RESETN
ONELINE
TIP
TIN
LOGP1
LOGP0
AVDDAC
LAGP1
LAGP0
TON
TOP
AVSSDAC
AVSSDS
LODR
V0
AVDDDS
AVDDTXDR
V
LODR
V1
AVSSTXDR
V
LODR
VSD
LIDR
V0
LIDR
V1
LIDR
VSD
VREF
VRAN
VRAP
DACVREF
L3GP0
A
VDDDAC
L3GP1
L2GP0
L2GP1
A
VSSDAC
A
VSSDS
L3DR
VSD
A
VDDDS
A
VDDTXDR
V
L3DR
V0
A
VSSTXDR
V
L3DR
V1
L2DR
VSD
L3DR
V0
L2DR
V1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com