Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MTC20454-TQ-I Fiches technique(PDF) 10 Page - STMicroelectronics

No de pièce MTC20454-TQ-I
Description  QUAD INTEGRATED ADSL CMOS ANALOG FRONT END CIRCUIT
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

MTC20454-TQ-I Fiches technique(HTML) 10 Page - STMicroelectronics

Back Button MTC20454-TQ-I Datasheet HTML 6Page - STMicroelectronics MTC20454-TQ-I Datasheet HTML 7Page - STMicroelectronics MTC20454-TQ-I Datasheet HTML 8Page - STMicroelectronics MTC20454-TQ-I Datasheet HTML 9Page - STMicroelectronics MTC20454-TQ-I Datasheet HTML 10Page - STMicroelectronics MTC20454-TQ-I Datasheet HTML 11Page - STMicroelectronics MTC20454-TQ-I Datasheet HTML 12Page - STMicroelectronics MTC20454-TQ-I Datasheet HTML 13Page - STMicroelectronics MTC20454-TQ-I Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
MTC20454
10/15
DIGITAL INTERFACE
Control Interface
The digital code setting for the MTC20454 configuration is sent over a serial line (CTRLIN) using the word
clock (CLWD). The data burst is composed of 16 bits from which the first bit is used as start bit (‘0’), the
three LSBs being used to identify the data contained in the 12 remaining bits. Test related data are latched
but they are overruled by the normal settings if the TEST pin is low.
Control Interface Timing
The control interface bits are considered valid on each positive edge of the master clock (CLKM). They
will be sampled at this moment. The stop bit will trigger the internal data validation.
The timing requirements are depicted in the following figure and table:
Table 1. Control interface timing requirements
Figure 7. Control interface chronodiagram
Symbol
Parameter
Min
Typ
Max
Remarks
Ts
Setup time
0.5 ns
-
-
Th
Hold time
0.2 ns
-
-
Tdv
Data valid
0.5 ns
-
4 ns
CTRLIN
Start
bit
ctrl cmd
bits
Ts
Th
Tdv
CLKM
CLKWD
1 stop
bit (high)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com