| Moteur de recherche de fiches techniques de composants électroniques |
|
STM32F722VCK6TR Fiches technique(PDF) 83 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F722VCK6TR Fiches technique(HTML) 83 Page - STMicroelectronics |
|
83 / 229 page ![]() - - 143 C6 171 - - C6 E5 143 171 PDR_ON S - - - - 64 100 144 C5 172 100 A9 C5 F5 144 172 VDD S - - - - - - - D4 173 - - D4 - - 173 PI4 I/O FT - TIM8_BKIN, SAI2_MCK_A, FMC_NBL2, EVENTOUT - - - - C4 174 - - C4 - - 174 PI5 I/O FT - TIM8_CH1, SAI2_SCK_A, FMC_NBL3, EVENTOUT - - - - C3 175 - - C3 - - 175 PI6 I/O FT - TIM8_CH2, SAI2_SD_A, FMC_D28, EVENTOUT - - - - C2 176 - - C2 - - 176 PI7 I/O FT - TIM8_CH3, SAI2_FS_A, FMC_D29, EVENTOUT - - - - F6 - - - F6 - - - VSS S - - - - - - - F7 - - - F7 - - - VSS S - - - - - - - F8 - - - F8 - - - VSS S - - - - - - - F9 - - - F9 - - - VSS S - - - - - - - F10 - - - F10 - - - VSS S - - - - Table 10. STM32F722xx and STM32F723xx pin and ball definition (continued) Pin Number Pin name (function after reset)(1) Alternate functions Additional functions STM32F722xx STM32F723xx |