Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STM32F722VCK6TR Fiches technique(PDF) 77 Page - STMicroelectronics

No de pièce STM32F722VCK6TR
Description  Arm Cortex-M7 32b MCUFPU, 462DMIPS, up to 512KB Flash
PDF  229 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F722VCK6TR Fiches technique(HTML) 77 Page - STMicroelectronics

Back Button STM32F722VCK6TR Datasheet HTML 73Page - STMicroelectronics STM32F722VCK6TR Datasheet HTML 74Page - STMicroelectronics STM32F722VCK6TR Datasheet HTML 75Page - STMicroelectronics STM32F722VCK6TR Datasheet HTML 76Page - STMicroelectronics STM32F722VCK6TR Datasheet HTML 77Page - STMicroelectronics STM32F722VCK6TR Datasheet HTML 78Page - STMicroelectronics STM32F722VCK6TR Datasheet HTML 79Page - STMicroelectronics STM32F722VCK6TR Datasheet HTML 80Page - STMicroelectronics STM32F722VCK6TR Datasheet HTML 81Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 229 page
background image
-
73
106 F13 125
73
B3
F13
G9
106 125
VCAP_2
S
-
-
-
-
47
74
107 F12 126
74
A2
F12 G10 107 126
VSS
S
-
-
-
-
48
75
108 G13 127
75
A1
G13
F9
108 127
VDD
S
-
-
-
-
-
-
-
E12 128
-
-
E12
-
-
128
PH13
I/O
FT
-
TIM8_CH1N, UART4_TX,
CAN1_TX, FMC_D21,
EVENTOUT
-
-
-
-
E13 129
-
-
E13
-
-
129
PH14
I/O
FT
-
TIM8_CH2N, UART4_RX,
CAN1_RX, FMC_D22,
EVENTOUT
-
-
-
-
D13 130
-
-
D13
-
-
130
PH15
I/O
FT
-
TIM8_CH3N, FMC_D23,
EVENTOUT
-
-
-
-
E14 131
-
-
E14
-
-
131
PI0
I/O
FT
-
TIM5_CH4, SPI2_NSS/I2S2_WS,
FMC_D24, EVENTOUT
-
-
-
-
D14 132
-
-
D14
-
-
132
PI1
I/O
FT
-
TIM8_BKIN2,
SPI2_SCK/I2S2_CK, FMC_D25,
EVENTOUT
-
-
-
-
C14 133
-
-
C14
-
-
133
PI2
I/O
FT
-
TIM8_CH4, SPI2_MISO,
FMC_D26, EVENTOUT
-
-
-
-
C13 134
-
-
C13
-
-
134
PI3
I/O
FT
-
TIM8_ETR,
SPI2_MOSI/I2S2_SD, FMC_D27,
EVENTOUT
-
-
-
-
D9
135
-
-
D9
-
-
135
VSS
S
-
-
-
-
Table 10. STM32F722xx and STM32F723xx pin and ball definition (continued)
Pin Number
Pin name
(function after
reset)(1)
Alternate functions
Additional
functions
STM32F722xx
STM32F723xx



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More