Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STM32F722VCK6TR Fiches technique(PDF) 75 Page - STMicroelectronics

No de pièce STM32F722VCK6TR
Description  Arm Cortex-M7 32b MCUFPU, 462DMIPS, up to 512KB Flash
PDF  229 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F722VCK6TR Fiches technique(HTML) 75 Page - STMicroelectronics

Back Button STM32F722VCK6TR Datasheet HTML 71Page - STMicroelectronics STM32F722VCK6TR Datasheet HTML 72Page - STMicroelectronics STM32F722VCK6TR Datasheet HTML 73Page - STMicroelectronics STM32F722VCK6TR Datasheet HTML 74Page - STMicroelectronics STM32F722VCK6TR Datasheet HTML 75Page - STMicroelectronics STM32F722VCK6TR Datasheet HTML 76Page - STMicroelectronics STM32F722VCK6TR Datasheet HTML 77Page - STMicroelectronics STM32F722VCK6TR Datasheet HTML 78Page - STMicroelectronics STM32F722VCK6TR Datasheet HTML 79Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 229 page
background image
-
-
89
K14 108
-
-
K14 J10
91
110
PG4
I/O
FT
-
FMC_A14/FMC_BA0,
EVENTOUT
-
-
-
90
K13 109
-
-
K13 H12
92
111
PG5
I/O
FT
-
FMC_A15/FMC_BA1,
EVENTOUT
-
-
-
91
J15
110
-
-
-
-
-
-
PG6
I/O
FT
-
EVENTOUT
-
-
-
92
J14
111
-
-
-
-
-
-
PG7
I/O
FT
-
USART6_CK, FMC_INT,
EVENTOUT
-
-
-
93
H14 112
-
-
H14 G11
93
112
PG8
I/O
FT
-
USART6_RTS, FMC_SDCLK,
EVENTOUT
-
-
-
94
G12 113
-
-
G12
-
94
113
VSS
S
-
-
-
-
--
-
-
-
-
-
-
F10
-
-
VDD
-
-
-
-
-
-
-
95
H13 114
-
K1
H13 C11
95
114
VDDUSB
S
-
-
-
-
37
63
96
H15 115
63
E1
H15 G12
96
115
PC6
I/O
FT
-
TIM3_CH1, TIM8_CH1,
I2S2_MCK, USART6_TX,
SDMMC2_D6, SDMMC1_D6,
EVENTOUT
-
38
64
97
G15 116
64
D4
G15 F12
97
116
PC7
I/O
FT
-
TIM3_CH2, TIM8_CH2,
I2S3_MCK, USART6_RX,
SDMMC2_D7, SDMMC1_D7,
EVENTOUT
-
Table 10. STM32F722xx and STM32F723xx pin and ball definition (continued)
Pin Number
Pin name
(function after
reset)(1)
Alternate functions
Additional
functions
STM32F722xx
STM32F723xx



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More